Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 165 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 165 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 161Page - Microchip Technology LAN9250 Datasheet HTML 162Page - Microchip Technology LAN9250 Datasheet HTML 163Page - Microchip Technology LAN9250 Datasheet HTML 164Page - Microchip Technology LAN9250 Datasheet HTML 165Page - Microchip Technology LAN9250 Datasheet HTML 166Page - Microchip Technology LAN9250 Datasheet HTML 167Page - Microchip Technology LAN9250 Datasheet HTML 168Page - Microchip Technology LAN9250 Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 165
LAN9250
11.11.5
CALCULATING ACTUAL TX DATA FIFO USAGE
The following rules are used to calculate the actual TX Data FIFO space consumed by a TX Packet:
• TX command 'A' is stored in the TX Data FIFO for every TX buffer
• TX command 'B' is written into the TX Data FIFO when the First Segment (FS) bit is set in TX command 'A'
• Any DWORD-long data added as part of the “Data Start Offset” is removed from each buffer before the data is
written to the TX Data FIFO. Any data that is less than 1 DWORD is passed to the TX Data FIFO.
• Payload from each buffer within a Packet is written into the TX Data FIFO.
• Any DWORD-long data added as part of the End Padding is removed from each buffer before the data is written to
the TX Data FIFO. Any end padding that is less than 1 DWORD is passed to the TX Data FIFO
11.11.6
TRANSMIT EXAMPLES
11.11.6.1
TX Example 1
In this example a single, 111-Byte Ethernet packet will be transmitted. This packet is divided into three buffers. The three
buffers are as follows:
Buffer 0:
• 7-Byte “Data Start Offset”
• 79-Bytes of payload data
• 16-Byte “Buffer End Alignment”
Buffer 1:
• 0-Byte “Data Start Offset”
• 15-Bytes of payload data
• 16-Byte “Buffer End Alignment”
Buffer 2:
• 10-Byte “Data Start Offset”
• 17-Bytes of payload data
• 16-Byte “Buffer End Alignment”
2
Excessive Deferral.
If the deferred bit is set in the control register, the setting of the excessive deferral
bit indicates that the transmission has ended because of a deferral of over 24288 bit times during trans-
mission.
1
Reserved.
This bit is reserved.
0
Deferred.
When set, this bit indicates that the current packet transmission was deferred.
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com