Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 164 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 164 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 160Page - Microchip Technology LAN9250 Datasheet HTML 161Page - Microchip Technology LAN9250 Datasheet HTML 162Page - Microchip Technology LAN9250 Datasheet HTML 163Page - Microchip Technology LAN9250 Datasheet HTML 164Page - Microchip Technology LAN9250 Datasheet HTML 165Page - Microchip Technology LAN9250 Datasheet HTML 166Page - Microchip Technology LAN9250 Datasheet HTML 167Page - Microchip Technology LAN9250 Datasheet HTML 168Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 421 page
background image
LAN9250
DS00001913A-page 164
 2015 Microchip Technology Inc.
The MIL operates in store-and-forward mode and has specific rules with respect to fragmented packets. The total space
consumed in the TX MIL FIFO must be limited to no more than 2KB - 3 DWORDs (2,036 bytes total). Any transmit packet
that is so highly fragmented that it takes more space than this must be un-fragmented (by copying to a driver-supplied
buffer) before the transmit packet can be sent to the device.
One approach to determine whether a packet is too fragmented is to calculate the actual amount of space that it will
consume, and check it against 2,036 bytes. Another approach is to check the number of buffers against a worst-case
limit of 86 (see explanation below).
For the best case alignment scenario (full DWORDs at the start and the end of each buffer), the absolute largest frame
size is 2040 bytes (plus the automatically added FCS if enable).
11.11.3.2
Calculating Worst-Case TX MIL FIFO Usage
The actual space consumed by a buffer in the TX MIL FIFO consists only of any partial DWORD offsets in the first/last
DWORD of the buffer, plus all of the whole DWORDs in between. Any whole DWORD offsets and/or alignments are
stripped off before the buffer is loaded into the TX Data FIFO, and TX command words are stripped off before the buffer
is written to the TX MIL FIFO, so none of those DWORDs count as space consumed. The worst-case overhead for a
TX buffer is 6 bytes, which assumes that it started on the high byte of a DWORD and ended on the low byte of a
DWORD. A TX packet consisting of 86 such fragments would have an overhead of 516 bytes (6 * 86) which, when added
to a 1514-byte max-size transmit packet (1516 bytes, rounded up to the next whole DWORD), would give a total space
consumption of 2,032 bytes, leaving 4 bytes to spare; this is the basis for the “86 fragment” rule mentioned above. For
more information on the MIL FIFO’s refer to Section 11.10.2, "MIL FIFOs," on page 157.
11.11.4
TX STATUS FORMAT
TX status is passed to the host CPU through a separate FIFO mechanism. A status word is returned for each packet
transmitted. Data transmission is suspended if the TX Status FIFO becomes full. Data transmission will resume when
the host reads the TX status and there is room in the FIFO for more “TX Status” data.
The host can optionally choose to not read the TX status. The TX status can be ignored by setting the “TX Status Discard
Allow Overrun Enable” (TXSAO) bit in the Transmit Configuration Register (TX_CFG). Setting this bit high allows the
transmitter to continue operation with a full TX Status FIFO. In this mode the status information is still available in the
TX Status FIFO, and TX status interrupts still function. In the case of a full FIFO, the TXSUSED counter will stay at its
maximum value and no further TX status will be written to the TX Status FIFO, preventing an overrun, until the host frees
space by reading TX status. In this mode the host is responsible for re-synchronizing TX status in the case of an overrun.
Bits
Description
31:16
Packet TAG.
Unique identifier written by the host into the Packet Tag field of the TX command ‘B’ word.
This field can be used by the host to correlate TX status words with the associated TX packets.
15
Error Status (ES).
When set, this bit indicates that the Ethernet controller has reported an error. This
bit is the logical OR of bits 11, 10, 9, 8, 2, 1 in this status word.
14:12
Reserved.
These bits are reserved. Always write zeros to this field to guarantee future compatibility.
11
Loss of Carrier.
When set, this bit indicates the loss of carrier during transmission.
10
No Carrier.
When set, this bit indicates that the carrier signal from the transceiver was not present
during transmission.
9
Late Collision.
When set, indicates that the packet transmission was aborted after the collision window
of 64 bytes.
8
Excessive Collisions.
When set, this bit indicates that the transmission was aborted after 16 collisions
while attempting to transmit the current packet.
7
Reserved.
This bit is reserved. Always write zeros to this field to guarantee future compatibility.
6:3
Collision Count.
This counter indicates the number of collisions that occurred before the packet was
transmitted. It is not valid when excessive collisions (bit 8) is also set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com