Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 161 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 161 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 157Page - Microchip Technology LAN9250 Datasheet HTML 158Page - Microchip Technology LAN9250 Datasheet HTML 159Page - Microchip Technology LAN9250 Datasheet HTML 160Page - Microchip Technology LAN9250 Datasheet HTML 161Page - Microchip Technology LAN9250 Datasheet HTML 162Page - Microchip Technology LAN9250 Datasheet HTML 163Page - Microchip Technology LAN9250 Datasheet HTML 164Page - Microchip Technology LAN9250 Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 161
LAN9250
11.11.1
TX BUFFER FORMAT
TX buffers exist in the host’s memory in a given format. The host writes a TX command word into the TX data buffer
before moving the Ethernet packet data. The TX command A and command B are 32-bit values that are used by the
device in the handling and processing of the associated Ethernet packet data buffer. Buffer alignment, segmentation
and other packet processing parameters are included in the command structure. The buffer format is illustrated in
Figure 11-11.
Figure 11-11 shows the TX Buffer as it is written into the device. It should be noted that not all of the data shown in this
diagram is actually stored in the TX Data FIFO. This must be taken into account when calculating the actual TX Data
FIFO usage. Please refer to Section 11.11.5, "Calculating Actual TX Data FIFO Usage" for a detailed explanation on
calculating the actual TX Data FIFO usage.
11.11.2
TX COMMAND FORMAT
The TX command instructs the TX FIFO controller on handling the subsequent buffer. The command precedes the data
to be transmitted. The TX command is divided into two, 32-bit words; TX command ‘A’ and TX command ‘B’.
There is a 16-bit Packet Tag in the TX command ‘B’ command word. Packet Tags may, if host software desires, be
unique for each packet (i.e., an incrementing count). The value of the tag will be returned in the TX status word for the
associated packet. The Packet tag can be used by host software to uniquely identify each status word as it is returned
to the host.
Both TX command ‘A’ and TX command ‘B’ are required for each buffer in a given packet. TX command ‘B’ must be
identical for every buffer in a given packet. If the TX command ‘B’ words do not match, the Ethernet controller will assert
the Transmitter Error (TXE) flag.
FIGURE 11-11:
TX BUFFER FORMAT
TX Command 'A'
Offset + Data DWORD0
.
.
.
.
.
Last Data & PAD
0
31
1st
2nd
3rd
Last
Host Write
Order
Optional Pad DWORD0
.
.
.
Optional Pad DWORDn
TX Command 'B'
Optional offset DWORD0
.
.
.
Optional offset DWORDn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com