Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 152 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 152 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 148Page - Microchip Technology LAN9250 Datasheet HTML 149Page - Microchip Technology LAN9250 Datasheet HTML 150Page - Microchip Technology LAN9250 Datasheet HTML 151Page - Microchip Technology LAN9250 Datasheet HTML 152Page - Microchip Technology LAN9250 Datasheet HTML 153Page - Microchip Technology LAN9250 Datasheet HTML 154Page - Microchip Technology LAN9250 Datasheet HTML 155Page - Microchip Technology LAN9250 Datasheet HTML 156Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 421 page
background image
LAN9250
DS00001913A-page 152
 2015 Microchip Technology Inc.
The RXCOE supports a maximum of two VLAN tags. If there are more than two VLAN tags, the VLAN protocol identifier
for the third tag is treated as an Ethernet type field. The checksum calculation will begin immediately after the type field.
Note that in all cases, the checksum calculation ends just before the frames FCS field. In the case where padding is
added to meet the minimum frame length requirement, the checksum calculation will also include the pads byte(s). This
may lead to unexpected results if the pad byte(s) are not zero.
The RXCOE resides in the RX path within the MAC. As the RXCOE receives an Ethernet frame, it calculates the 16-bit
checksum. The RXCOE passes the Ethernet frame to the RX FIFO with the checksum appended to the end of the frame.
The RXCOE inserts the checksum immediately after the last byte of the Ethernet frame and before it transmits the status
word. The packet length field in the RX Status Word (refer to Section 11.12.3) will indicate that the frame size has
increased by two bytes to accommodate the checksum.
Note:
When enabled, the RXCOE calculates a checksum for every received frame.
Setting the RX Checksum Offload Engine Enable (RX_COE_EN) bit in the Host MAC Checksum Offload Engine Control
Register (HMAC_COE_CR) enables the RXCOE, while the RX Checksum Offload Engine Mode (RX_COE_MODE) bit
selects the operating mode. When the RXCOE is disabled, the received data is simply passed through the RXCOE
unmodified.
Note:
Software applications must stop the receiver and flush the RX data path before changing the state of the RX
Checksum Offload Engine Enable (RX_COE_EN) or RX Checksum Offload Engine Mode (RX_COE_-
MODE) bits.
FIGURE 11-6:
ETHERNET FRAME WITH VLAN TAG AND SNAP HEADER
FIGURE 11-7:
ETHERNET FRAME WITH MULTIPLE VLAN TAGS AND SNAP HEADER
DST
SRC
8
1
0
0
V
I
D
L3 Packet
F
C
S
S
N
A
P
0
S
N
A
P
1
3
L
e
n
0
1
2
{DSAP, SSAP, CTRL,
OUI[23:16]}
{OUI[15:0], PID[15:0]}
4
5
6
Calculate Checksum
1DWORD
DST
SRC
8
1
0
0
V
I
D
L3 Packet
F
C
S
S
N
A
P
0
S
N
A
P
1
5
L
e
n
0
1
2
{DSAP, SSAP, CTRL,
OUI[23:16]}
{OUI[15:0], PID[15:0]}
6
7
8
Calculate Checksum
8
1
0
0
V
I
D
4
1DWORD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com