Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 148 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 148 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 144Page - Microchip Technology LAN9250 Datasheet HTML 145Page - Microchip Technology LAN9250 Datasheet HTML 146Page - Microchip Technology LAN9250 Datasheet HTML 147Page - Microchip Technology LAN9250 Datasheet HTML 148Page - Microchip Technology LAN9250 Datasheet HTML 149Page - Microchip Technology LAN9250 Datasheet HTML 150Page - Microchip Technology LAN9250 Datasheet HTML 151Page - Microchip Technology LAN9250 Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 421 page
background image
LAN9250
DS00001913A-page 148
 2015 Microchip Technology Inc.
The Filter i CRC-16 register contains the CRC-16 result of the frame that should pass Filter i.
TABLE 11-6: describes the Filter i CRC-16 bit fields.
The CRC-16 is calculated as follows:
At the start of a frame, CRC-16 is initialized with the value FFFFh. CRC-16 is updated when the pattern offset and mask
indicate the received byte is part of the checksum calculation. The following algorithm is used to update the CRC-16 at
that time:
Let:
^ denote the exclusive or operator.
Data [7:0] be the received data byte to be included in the checksum.
CRC[15:0] contain the calculated CRC-16 checksum.
F0 … F7 be intermediate results, calculated when a data byte is determined to be part of the CRC-16.
Calculate:
F0 = CRC[15] ^ Data[0]
F1 = CRC[14] ^ F0 ^ Data[1]
F2 = CRC[13] ^ F1 ^ Data[2]
F3 = CRC[12] ^ F2 ^ Data[3]
F4 = CRC[11] ^ F3 ^ Data[4]
F5 = CRC[10] ^ F4 ^ Data[5]
F6 = CRC[09] ^ F5 ^ Data[6]
F7 = CRC[08] ^ F6 ^ Data[7]
The CRC-16 is updated as follows:
CRC[15] = CRC[7] ^ F7
CRC[14] = CRC[6]
CRC[13] = CRC[5]
CRC[12] = CRC[4]
CRC[11] = CRC[3]
CRC[10] = CRC[2]
CRC[9] = CRC[1] ^ F0
CRC[8] = CRC[0] ^ F1
CRC[7] = F0 ^ F2
CRC[6] = F1 ^ F3
CRC[5] = F2 ^ F4
CRC[4] = F3 ^ F5
CRC[3] = F4 ^ F6
TABLE 11-5:
FILTER I OFFSET BIT DEFINITIONS
Filter i Offset Description
Bits
Description
7:0
Pattern Offset:
The offset of the first byte in the frame on which CRC is checked for Wakeup Frame
recognition. The MAC checks the first offset byte of the frame for CRC and checks to determine
whether the frame is a Wakeup Frame. Offset 0 is the first byte of the incoming frame's destination
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com