Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 150 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 150 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 146Page - Microchip Technology LAN9250 Datasheet HTML 147Page - Microchip Technology LAN9250 Datasheet HTML 148Page - Microchip Technology LAN9250 Datasheet HTML 149Page - Microchip Technology LAN9250 Datasheet HTML 150Page - Microchip Technology LAN9250 Datasheet HTML 151Page - Microchip Technology LAN9250 Datasheet HTML 152Page - Microchip Technology LAN9250 Datasheet HTML 153Page - Microchip Technology LAN9250 Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 421 page
background image
LAN9250
DS00001913A-page 150
 2015 Microchip Technology Inc.
11.6.4
MAGIC PACKET DETECTION
Setting the Magic Packet Enable bit (MPEN) in the Host MAC Wake-up Control and Status Register (HMAC_WUCSR)
places the Host MAC in the “Magic Packet” detection mode. In this mode, normal data reception is disabled, and detec-
tion logic within the Host MAC examines received data for a Magic Packet.
Upon detection, the Magic Packet Received bit (MPR) in the HMAC_WUCSR register is set. When the host clears the
MPEN bit, the Host MAC will resume normal receive operation.
In Magic Packet mode, the Host MAC constantly monitors each frame addressed to the node for a specific Magic Packet
pattern. Only packets passing the Address Filtering check of Section 11.4 (see Note 6) are checked for the Magic Packet
requirements. Once the address requirement has been met, the Host MAC checks the received frame for the pattern
48’hFF_FF_FF_FF_FF_FF after the destination and source address field. The Host MAC then looks in the frame for 16
repetitions of the Host MAC address without any breaks or interruptions. In case of a break in the 16 address repetitions,
the Host MAC again scans for the 48'hFF_FF_FF_FF_FF_FF pattern in the incoming frame. The 16 repetitions may be
anywhere in the frame but must be preceded by the synchronization stream. The device will also accept a multicast
frame, as long as it detects the 16 duplications of the Host MAC address.
For example, if the Host MAC address is 00h 11h 22h 33h 44h 55h, then the MAC scans for the following data sequence
in an Ethernet frame:
Destination Address Source Address ……………FF FF FF FF FF FF
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
…CRC
Note 6:
Normally, for Magic Packet Detection, address filtering should be set for Perfect Filtering or Hash Perfect
Filtering.
11.7
Receive Checksum Offload Engine (RXCOE)
The receive checksum offload engine provides assistance to the Host by calculating a 16-bit checksum for a received
Ethernet frame. The RXCOE readily supports the following IEEE802.3 frame formats:
• Type II Ethernet frames
• SNAP encapsulated frames
• Support for up to 2, 802.1q VLAN tags
The resulting checksum value can also be modified by software to support other frame formats.
The RXCOE has two modes of operation. In mode 0, the RXCOE calculates the checksum between the first 14 bytes
of the Ethernet frame and the FCS. This is illustrated in Figure 11-2.
In mode 1, the RXCOE supports VLAN tags and a SNAP header. In this mode, the RXCOE calculates the checksum at
the start of L3 packet. The VLAN1 tag register is used by the RXCOE to indicate what protocol type is to be used to
indicate the existence of a VLAN tag. This value is typically 8100h.
Example frame configurations:
FIGURE 11-2:
RXCOE CHECKSUM CALCULATION
DST
SRC
T
Y
P
E
Frame Data
F
C
S
Calculate Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com