Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 64 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 64 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 60Page - Maxim Integrated Products MAX96708 Datasheet HTML 61Page - Maxim Integrated Products MAX96708 Datasheet HTML 62Page - Maxim Integrated Products MAX96708 Datasheet HTML 63Page - Maxim Integrated Products MAX96708 Datasheet HTML 64Page - Maxim Integrated Products MAX96708 Datasheet HTML 65Page - Maxim Integrated Products MAX96708 Datasheet HTML 66Page - Maxim Integrated Products MAX96708 Datasheet HTML 67Page - Maxim Integrated Products MAX96708 Datasheet HTML 68Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
Board Layout
Power-Supply Circuits and Bypassing
The deserializer uses an AVDD and DVDD of 1.7V to
1.9V. All inputs and outputs, except for the serial input,
derive power from an IOVDD of 1.7V to 3.6V that scales
with IOVDD. Proper voltage-supply bypassing is essential
for high-frequency circuit stability.
High-Frequency Signals
Separate the LVCMOS logic signals and CML/coax
high-speed signals to prevent crosstalk. Use a four-layer
PCB with separate layers for power, ground, CML/coax,
and LVCMOS logic signals. Layout STP PCB traces
close to each other for a 100Ω differential characteristic
impedance. The trace dimensions depend on the type
of trace used (microstrip or stripline). Note that two 50Ω
PCB traces do not have 100Ω differential impedance
when brought close together—the impedance goes down
when the traces are brought closer. Use a 50Ω trace for
the single-ended output when driving coax. Route the
PCB traces for differential CML in parallel to maintain the
differential characteristic impedance. Avoid vias. Keep
PCB traces that make up a differential pair equal in length
to avoid skew within the differential pair.
ESD Protection
ESD tolerance is rated for Human Body Model, IEC
61000-4-2, and ISO 10605. The ISO 10605 and IEC
61000-4-2 standards specify ESD tolerance for electronic
systems. The serial outputs are rated for ISO 10605 ESD
protection and IEC 61000-4-2 ESD protection. All pins
are tested for the Human Body Model. The Human
Body Model discharge components are CS = 100pF and
RD = 1.5kΩ (Figure 25). The IEC 61000-4-2 discharge
components are CS = 150pF and RD = 330Ω (Figure 26).
The ISO 10605 discharge components are CS = 330pF
and RD = 2kΩ (Figure 27).
Figure 25. Human Body Model ESD Test Circuit
Figure 26. IEC 61000-4-2 Contact Discharge ESD Test Circuit
Figure 27. ISO 10605 Contact Discharge ESD Test Circuit
STORAGE
CAPACITOR
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
1MΩ
RD
1.5kΩ
CS
100pF
CS
150pF
STORAGE
CAPACITOR
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
RD
330Ω
STORAGE
CAPACITOR
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
RD
2kΩ
CS
330pF
www.maximintegrated.com
Maxim Integrated │ 64
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com