Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 35Page - Maxim Integrated Products MAX96708 Datasheet HTML 36Page - Maxim Integrated Products MAX96708 Datasheet HTML 37Page - Maxim Integrated Products MAX96708 Datasheet HTML 38Page - Maxim Integrated Products MAX96708 Datasheet HTML 39Page - Maxim Integrated Products MAX96708 Datasheet HTML 40Page - Maxim Integrated Products MAX96708 Datasheet HTML 41Page - Maxim Integrated Products MAX96708 Datasheet HTML 42Page - Maxim Integrated Products MAX96708 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
config (0x07)
BIT
7
6
5
4
3
2
1
0
Field
DBL
DRS
BWS
ES
RSVD
HVEN
CXTP
PXL_CRC
Reset
0b
0b
0b
0b
0b
0b
Xb
0b
Access Type Write, Read Write, Read Write, Read Write, Read Write, Read Write, Read Write, Read Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
DBL
7
Double-Output Mode
0: Use single-rate output
1: Use double-rate output (2x word rate at
1/2x width)
DRS
6
Data-Rate Select
0: Use normal data-rate output
1: Use 1/2 rate data output (for use with low
data rates)
BWS
5
Bus-Width Select
0: Set bus width for 22-bit bus, 24-bit mode
1: Set bus width for 30-bit bus (32-bit mode)
ES
4
Edge Select
0: Set output data valid on rising edge of
PCLKOUT
1: Set output data valid on falling edge of
PCLKOUT
RSVD
3
Reserved: Do not change from default value
0: Reserved
HVEN
2
HS/VS Encoding Enable
0: Disable HS/VS encoding
1: Enable HS/VS encoding
CXTP
1
Coax/TP Select
0: Use differential-output mode (for use with
twisted-pair cable)
1: Use single-ended output mode (for use with
coax cable)
PXL_CRC
0
Pixel CRC Enable: Pixel error-detection type
0: Use 1-bit parity (compatible with all devices)
1: Use 6-bit CRC
www.maximintegrated.com
Maxim Integrated │ 39
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com