Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 3Page - Maxim Integrated Products MAX96708 Datasheet HTML 4Page - Maxim Integrated Products MAX96708 Datasheet HTML 5Page - Maxim Integrated Products MAX96708 Datasheet HTML 6Page - Maxim Integrated Products MAX96708 Datasheet HTML 7Page - Maxim Integrated Products MAX96708 Datasheet HTML 8Page - Maxim Integrated Products MAX96708 Datasheet HTML 9Page - Maxim Integrated Products MAX96708 Datasheet HTML 10Page - Maxim Integrated Products MAX96708 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
AVDD to EP* ........................................................-0.5V to +1.9V
DVDD to EP*........................................................-0.5V to +1.9V
IOVDD to EP*.......................................................-0.5V to +3.9V
LMN_ to EP* (15mA current limit) ........................-0.5V to +3.9V
IN_+, IN_- to EP*..................................................-0.5V to +1.9V
All Other Pins to EP*......................... -0.5V to (IOVDD + 0.5V)V
IN_+, IN_- Short Circuit to Ground or Supply ...........Continuous
Operating Temperature Range..........................-40°C to +115°C
Junction Temperature......................................................+125°C
Storage Temperature Range............................ -40°C to +150°C
Soldering Temperature (reflow).......................................+260°C
Continuous Power Dissipation TA = +70°C, 32-pin TQFN
(derate 34.5 mW/°C above +70°C.) ......................2758.6mW
*EP connected to IC ground.
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
32-Pin TQFN-EP
PACKAGE CODE
T3255+8
Outline Number
21-0140
Land Pattern Number
90-0013
Thermal Resistance, Single Layer Board:
Junction-to-Ambient (θJA)
47
Junction-to-Case Thermal Resistance (θJC)
1.7
Thermal Resistance, Four Layer Board:
Junction-to-Ambient (θJA)
29
Junction-to-Case Thermal Resistance (θJC)
1.7
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board.
For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
www.maximintegrated.com
Maxim Integrated │ 7
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com