Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 16Page - Maxim Integrated Products MAX96708 Datasheet HTML 17Page - Maxim Integrated Products MAX96708 Datasheet HTML 18Page - Maxim Integrated Products MAX96708 Datasheet HTML 19Page - Maxim Integrated Products MAX96708 Datasheet HTML 20Page - Maxim Integrated Products MAX96708 Datasheet HTML 21Page - Maxim Integrated Products MAX96708 Datasheet HTML 22Page - Maxim Integrated Products MAX96708 Datasheet HTML 23Page - Maxim Integrated Products MAX96708 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
PIN
NAME
FUNCTION
REF SUPPLY
TYPE
10
TX/SCL
Transmit/Serial Clock. Input/output with internal 30kΩ pullup to
IOVDD. In UART mode, TX/SCL is the Tx output of the serializer's
UART. In I2C mode, TX/SCL is the SCL input/output of the serial-
izer's I2C master/slave. TX/SCL has an open-drain driver and
requires a pullup resistor.
IOVDD
Digital
11
ERRB
Error Output. Active-low, open-drain video data error output with
internal pullup to IOVDD. ERRB goes low when decoding errors
during normal operation exceed a programmed threshold, or when
at least one PRBS error is detected during a PRBS test. ERRB is
output high when PWDNB is low.
IOVDD
Digital
12
LOCK
Lock Output. Open-drain output with internal pullup to IOVDD.
LOCK high indicates PLLs are locked with correct serial-word
boundary alignment. LOCK low indicates PLLs are not locked, or
incorrect serial-word boundary alignment. LOCK is low when the
configuration link is active. LOCK is output high when PWDNB is
low.
IOVDD
Digital
27
PWDNB
Active-Low, Power-Down Input with Internal Pulldown to EP.
Set PWDNB low to enter power-down mode to reduce power
consumption.
IOVDD
Digital
32
MS
Mode-Select Input with Internal Pulldown to EP. Set MS low to
select base mode. Set MS high to select bypass mode.
IOVDD
Digital
Pin Description (continued)
Functional Diagrams
SERIAL TO
PARALLEL
CDR/PLL
DESCRAMBLE/
HVEN/CRC/
PARITY/
DECODE/DBL
CONTROL
FCC
PCLKOUT
REVERSE CONTROL
CHANNEL
MAX96708
IN0+
IN0-
CLKDIV
DOUT[4:0]
TX
UART/I2C
TX/
SCL
RX/
SDA
GPI
14 X 14
CROSSBAR
SWITCH
SYNC
VIDEO
ADAPTIVE
EQ
IN1+
IN1-
DOUT5/HIM
DOUT6/ADD0
DOUT7/ADD1
DOUT8/ADD2
DOUT9/ADD3
DOUT10/I2CSEL
DOUT11/CX/TP/DE
DOUT12/HS
DOUT13/VS
HIM
ADD0
ADD1
ADD2
ADD3
I2CSEL
CX/TP
PWDNB
HIM
ADD[3:0]
I2CSEL
CX/TP
ERRB
LOCK
LINE
FAULT
LMN0
LMN1
LFLTB
CML RX
CML RX
www.maximintegrated.com
Maxim Integrated │ 20
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com