Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 40 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 40 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 36Page - Maxim Integrated Products MAX96708 Datasheet HTML 37Page - Maxim Integrated Products MAX96708 Datasheet HTML 38Page - Maxim Integrated Products MAX96708 Datasheet HTML 39Page - Maxim Integrated Products MAX96708 Datasheet HTML 40Page - Maxim Integrated Products MAX96708 Datasheet HTML 41Page - Maxim Integrated Products MAX96708 Datasheet HTML 42Page - Maxim Integrated Products MAX96708 Datasheet HTML 43Page - Maxim Integrated Products MAX96708 Datasheet HTML 44Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
lflt_en (0x08)
BIT
7
6
5
4
3
2
1
0
Field
LFLT_EN_POS
LFLT_EN_NEG
GPI_EN
DISSTAG
ERR_RST
RSVD
RSVD[1:0]
Reset
1b
Xb
1b
0b
0b
0b
01b
Access Type
Write, Read
Write, Read
Write, Read Write, Read
Write, Read Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
LFLT_EN_POS
7
Line-Fault Detector Enable Positive Line:
Enable line-fault detector LMN0
0: Disable line-fault detector LMN0
1: Enable line-fault detector LMN0
LFLT_EN_NEG
6
Line-Fault Detector Enable Negative Line:
Enable line-fault detector LMN1; disabled by
default in coax mode and enabled by default in
twisted-pair mode
0: Disable line-fault detector LMN1
1: Enable line-fault detector LMN1
GPI_EN
5
GPI-to-GPO Enable: Enable GPI-to-GPO
signal transmission to serializer
0: Disable GPI-to-GPO transmission
1: Enable GPI-to-GPO transmission
DISSTAG
4
Disable Staggering: Disable staggering of
outputs
0: Enable staggering of DOUT_outputs
1: Disable staggering of DOUT_outputs
ERR_RST
3
Error Reset: When set to 1, automatically reset
DET_ERR and CORR_ERR registers 1μs after
ERROR pin is asserted
0: Disable automatic reset of DETERR_ and
CORR_ERR registers
1: Enable automatic reset of DETERR_ and
CORR_ERR registers
RSVD
2
Reserved: Do not change from default value
0: Reserved
RSVD
1:0
Reserved: Do not change from default value
01: Reserved
i2csrc (0x09, 0x0B)
BIT
7
6
5
4
3
2
1
0
Field
I2C_SRC[6:0]
RSVD
Reset
0b
0b
Access Type
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
I2C_SRC
7:1
I2C Address Translator Source: I2C address
translator source A
0000000: I2C write/read address is 0x00, 0x01
0000001: I2C write/read address is 0x02, 0x03
XXXXXXX: I2C write/read address is
XXXXXXX0, XXXXXXX1
1111111: I2C write/read address is 0xFE, 0xFF
RSVD
0
Reserved: Do not change from default value
0: Reserved
www.maximintegrated.com
Maxim Integrated │ 40
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com