Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 63 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 63 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 59Page - Maxim Integrated Products MAX96708 Datasheet HTML 60Page - Maxim Integrated Products MAX96708 Datasheet HTML 61Page - Maxim Integrated Products MAX96708 Datasheet HTML 62Page - Maxim Integrated Products MAX96708 Datasheet HTML 63Page - Maxim Integrated Products MAX96708 Datasheet HTML 64Page - Maxim Integrated Products MAX96708 Datasheet HTML 65Page - Maxim Integrated Products MAX96708 Datasheet HTML 66Page - Maxim Integrated Products MAX96708 Datasheet HTML 67Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
UART Bypass Mode
In UART bypass mode, the control channel acts as a
full-duplex 9.6kbps to 1Mbps link that forwards UART
commands across the serial link without responding to
the packets themselves. Set MS high to enter bypass
mode (wait 1ms after setting bypass mode if the μC is
connected on the deserializer side). Bypass uses bit rates
from 9.6kbps to 1Mbps. Do not send a logic-low value
longer than 100μs when using the GPI/GPO functionality.
Device Address
The SerDes have a 7-bit-long slave address stored in
registers 0x00 and 0x01. The bit following a 7-bit slave
address is the R/W bit, which is low for a write command
and high for a read command. External inputs determine
the default slave address as shown in Table 8. After
startup, a μC can reprogram the slave address as needed.
Cable Equalizer
By default, the cable equalizer is enabled and set to
Adaptive mode. Set AEQ_EN = 0 to switch to manual EQ
mode. EQTUNE determines the boost level in manual EQ
mode (see Table 9). Set EN_EQ = 0 to disable all equal-
ization (manual or automatic).
The auto-equalization level is determined during serial-
link locking. Set AEQ_MAN_TRG_REQ = 1 to re-trigger
auto equalization. Set AEQ_PER_MODE = 1 to set up
periodic AEQ.
ERRB Output
The deserializer has an open-drain ERRB output. This
output asserts low whenever any of the following condi-
tions occur:
● The number of detected errors exceeds the error
thresholds during normal operation. Read DET_ERR,
set auto-error reset, or re-lock the link to clear.
● Exceeding the maximum number control channel
retries. Read MAX_RT_ERR to clear.
Additional conditions that set ERRB (disabled by default)
include:
● Insufficient boost at maximum boost setting
(set UNDERBST_DET_EN = 1). Retrigger the
equalization calibration to clear.
Auto-Error Reset
The default method to reset errors is to read the respec-
tive error counter registers in the deserializer. Auto-error
reset clears the error counters DET_ERR ~1μs after
ERR goes low. Auto-error reset is disabled on power-up.
Enable auto-error reset through AUTORST. Auto-error
reset does not run when the device is in PRBS test mode.
Table 8. Default-Device Address
D7
D6
D5
D4
D3
D2
D1
D0
1
ADD3
ADD2
1
ADD1
ADD0
0
R/W
Note: ADD[3:0] pin settings latched at power-up.
BOOST SETTING
(MANUAL AND ADAPTIVE
EQ)
TYPICAL BOOST GAIN AT
750MHZ (DB)
0000
1.6
0001
2.1
0010
2.8
0011
3.5
0100
4.3
0101
5.2
0110
6.3
0111
7.3
1000
8.5
1001
9.7
Power-up default for
Manual EQ*
1010
11.0
1011
12.2
Table 9. Cable-Equalizer Boost Levels
*Automatic EQ is enabled by default.
www.maximintegrated.com
Maxim Integrated │ 63
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com