Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 60 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 60 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 56Page - Maxim Integrated Products MAX96708 Datasheet HTML 57Page - Maxim Integrated Products MAX96708 Datasheet HTML 58Page - Maxim Integrated Products MAX96708 Datasheet HTML 59Page - Maxim Integrated Products MAX96708 Datasheet HTML 60Page - Maxim Integrated Products MAX96708 Datasheet HTML 61Page - Maxim Integrated Products MAX96708 Datasheet HTML 62Page - Maxim Integrated Products MAX96708 Datasheet HTML 63Page - Maxim Integrated Products MAX96708 Datasheet HTML 64Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
Control-Channel Interfaces
I2C
Set I2CSEL = 1 to configure the control channel for
I2C-to-I2C mode. In this mode, the control channel
forwards I2C commands from the microcontroller side
to the other side of the GMSL link. The remote device
acts as an I2C master to the other peripherals connected
to the remote side device. I2C-to-I2C mode uses clock
stretching to hold the microcontroller until the data and
the acknowledge/no-acknowledge have been sent across
the link.
I2C Bit Rate
The I2C interface accepts bit rates from 9.6kbps to 1Mbps.
The local I2C rate is set by the microcontroller. The remote
I2C rate is set by the remote device. By default the control
channel is set up for a 400kbps-to-I2C bit rate. Program the
I2C_MSTBT and SLV_SH bits (register 0x0D) to match the
desired microcontroller I2C rate.
Software Programming of the Device Addresses
The serializer and deserializer have programmable device
addresses. This allows multiple GMSL devices, along with
I2C peripherals, to coexist on the same control channel.
The serializer device address is in register 0x00 of each
device, while the deserializer device address is in register
0x01 of each device. To change a device address, first
write to the device whose address changes (register 0x00
of the serializer for serializer device address change, or
register 0x01 of the deserializer for deserializer device
address change). Then write the same address into the
corresponding register on the other device (register 0x00
of the deserializer for serializer device address change,
or register 0x01 of the serializer for deserializer device
address change).
I2C Address Translation
The device supports I2C address translation for up to
two device addresses. Use address translation to assign
unique device addresses to peripherals with limited
I2C addresses. Source addresses (address to translate
from) are stored in registers 0x09 and 0x0B. Destination
addresses (address to translate to) are stored in registers
0x0A and 0x0C.
Configuration Blocking
The device can block changes to its registers. Set
CFGBLOCK to make all registers read only. Once set, the
registers remain blocked until the supplies are removed or
until PWDNB is low.
Cascaded/Parallel Devices
GMSL supports cascaded and parallel devices
connected through I2C. When cascading or using parallel
links, all I2C commands are forwarded to all links. Each
link attempts to hold the control channel until it receives
an acknowledge/non-acknowledge from the remote side
device. It is important to keep the control channel active
between links in order to prevent timeout. If a link is
unused, keep the control channel clear by turning on the
configuration link, disconnecting the I2C lines, or power-
ing down the unused device.
Dual μC Control
Most systems use a single microcontroller; however, µCs
can reside on each side simultaneously and trade off
running the control channel. Contention occurs if both µCs
attempt to use the control channel at the same time. It is
up to the user to prevent this contention by implementing
a higher-level protocol. In addition, the control channel
does not provide arbitration between I2C masters on both
sides of the link. An acknowledge frame is not generated
when communication fails due to contention. If communi-
cation across the serial link is not required, the µCs can
disable the forward and reverse control channel using
the FWDCCEN and REVCCEN bits (0x04, D[1:0]) in the
serializer/deserializer. Communication across the serial link
is stopped and contention between µCs cannot occur.
www.maximintegrated.com
Maxim Integrated │ 60
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com