Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 10Page - Maxim Integrated Products MAX96708 Datasheet HTML 11Page - Maxim Integrated Products MAX96708 Datasheet HTML 12Page - Maxim Integrated Products MAX96708 Datasheet HTML 13Page - Maxim Integrated Products MAX96708 Datasheet HTML 14Page - Maxim Integrated Products MAX96708 Datasheet HTML 15Page - Maxim Integrated Products MAX96708 Datasheet HTML 16Page - Maxim Integrated Products MAX96708 Datasheet HTML 17Page - Maxim Integrated Products MAX96708 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
(VDVDD = VAVDD = 1.7 to 1.9V, VIOVDD = 1.7V to 3.6V, RL = 100Ω ±1% (differential), EP connected to PCB ground, TA = -40°C to
+115°C, Typical values are at, VDVDD = VAVDD = VIOVDD = 1.8V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
START Condition Hold Time
tHD:STA
fSCL range, Low
4
µs
fSCL range, Mid
0.6
fSCL range, High
0.26
Low Period of SCL Clock
tLOW
fSCL range, Low
4.7
µs
fSCL range, Mid
1.3
fSCL range, High
0.5
High Period of SCL Clock
tHIGH
fSCL range, Low
4
µs
fSCL range, Mid
0.6
fSCL range, High
0.26
Repeated START Condition
Setup Time
tSU:STA
fSCL range, Low
4.7
µs
fSCL range, Mid
0.6
fSCL range, High
0.26
Data Hold Time
tHD:DAT
fSCL range, Low
0
ns
fSCL range, Mid
0
fSCL range, High
0
Data Setup Time
tSU:DAT
fSCL range, Low
250
ns
fSCL range, Mid
100
fSCL range, High
50
Setup Time for STOP
Condition
tSU:STO
fSCL range, Low
4
µs
fSCL range, Mid
0.6
fSCL range, High
0.26
Bus Free Time
tBUF
fSCL range, Low
4.7
µs
fSCL range, Mid
1.3
fSCL range, High
0.5
Data Valid Time
tVD:DAT
fSCL range, Low
3.45
µs
fSCL range, Mid
0.9
fSCL range, High
0.45
Data Valid Acknowledge Time
tVD:ACK
fSCL range, Low
3.45
µs
fSCL range, Mid
0.9
fSCL range, High
0.45
Pulse Width of Spikes
Suppressed
tSP
fSCL range, Low
50
ns
fSCL range, Mid
50
fSCL range, High
50
Capacitive load each bus line
CB
100
pF
AC Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 14
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com