Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 8Page - Maxim Integrated Products MAX96708 Datasheet HTML 9Page - Maxim Integrated Products MAX96708 Datasheet HTML 10Page - Maxim Integrated Products MAX96708 Datasheet HTML 11Page - Maxim Integrated Products MAX96708 Datasheet HTML 12Page - Maxim Integrated Products MAX96708 Datasheet HTML 13Page - Maxim Integrated Products MAX96708 Datasheet HTML 14Page - Maxim Integrated Products MAX96708 Datasheet HTML 15Page - Maxim Integrated Products MAX96708 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY (continued)
Worst-Case Supply Current
(Figure 5) (continued)
IWCS
fPCLKOUT = 58MHz, BWS = 0, single
output, IOVDD (3.6V), CL = 5pF
(DCS = 0) (Note 3)
22
25
mA
fPCLKOUT = 58MHz, BWS = 0, single
output, IOVDD (3.6V), CL = 10pF
(DCS = 1) (Note 3)
30
34
fPCLKOUT = 43.5MHz, BWS = 1, single
output, AVDD + DVDD (1.9V)
70
84
fPCLKOUT = 43.5MHz, BWS = 1, single
output, IOVDD (1.9V), CL = 5pF
(DCS = 0) (Note 3)
8
10
fPCLKOUT = 43.5MHz, BWS = 1, single
output, IOVDD (1.9V), CL = 10pF
(DCS = 1) (Note 3)
12
14
fPCLKOUT = 43.5MHz, BWS = 1, single
output, IOVDD (3.6V), CL = 5pF
(DCS = 0) (Note 3)
16
18
fPCLKOUT = 43.5MHz, BWS = 1, single
output, IOVDD (3.6V), CL = 10pF
(DCS = 1) (Note 3)
22
25
Sleep-Mode Supply Current
ICCS
Wake-up receivers enabled
54
160
μA
Wake-up receivers disabled
15
100
Power-Down Supply Current
ICCZ
PWDNB = low
15
100
μA
ESD PROTECTION
IN+, IN- (Note 4)
VESD
Human Body Model, RD = 1.5kΩ,
CS = 100pF
±8
kV
IEC 61000-4-2, RD = 330Ω, CS = 150pF,
Contact discharge
±10
IEC 61000-4-2, RD = 330Ω, CS = 150pF,
Air discharge
±15
ISO 10605, RD = 2kΩ, CS = 330pF,
Contact discharge
±10
ISO 10605, RD = 2kΩ, CS = 330pF,
Air discharge
±30
All Other Pins (Note 5)
VESD
Human Body Model, RD = 1.5kΩ,
CS = 100pF
±4
kV
Machine Model
250
V
(VDVDD = VAVDD = 1.7 to 1.9V, VIOVDD = 1.7V to 3.6V, RL = 100Ω ±1% (differential), EP connected to PCB ground, TA = -40°C to
+115°C, Typical values are at, VDVDD = VAVDD = VIOVDD = 1.8V, TA = +25°C, unless otherwise noted.) (Note 1)
DC Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 12
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com