Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 11Page - Maxim Integrated Products MAX96708 Datasheet HTML 12Page - Maxim Integrated Products MAX96708 Datasheet HTML 13Page - Maxim Integrated Products MAX96708 Datasheet HTML 14Page - Maxim Integrated Products MAX96708 Datasheet HTML 15Page - Maxim Integrated Products MAX96708 Datasheet HTML 16Page - Maxim Integrated Products MAX96708 Datasheet HTML 17Page - Maxim Integrated Products MAX96708 Datasheet HTML 18Page - Maxim Integrated Products MAX96708 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
(VDVDD = VAVDD = 1.7 to 1.9V, VIOVDD = 1.7V to 3.6V, RL = 100Ω ±1% (differential), EP connected to PCB ground, TA = -40°C to
+115°C, Typical values are at, VDVDD = VAVDD = VIOVDD = 1.8V, TA = +25°C, unless otherwise noted.) (Note 1)
Note 1: Limits are 100% production tested at TA = +115°C. Limits over the operating temperature range are guaranteed by design
and characterization, unless otherwise noted.
Note 2: IIN min is due to voltage drop across the internal pullup resistor.
Note 3: Not production tested. Guaranteed by design.
Note 4: Specified pin to ground.
Note 5: Specified pin to all supply/ground.
Note 6: Measured in serial link bit times. Bit time = 1/(30 x fPCLKOUT) for BWS = GND. Bit time = 1/(40 x fPCLKOUT) for BWS = 1.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SWITCHING CHARACTERISTICS (Note 3)
PCLKOUT Rise-and-Fall Time
(Figure 7)
tR, tF
20% to 80%, VIOVDD = 1.7V to 1.9V,
DCS = 1, CL = 10pF
0.4
2.2
ns
20% to 80%, VIOVDD = 1.7V to 1.9V,
DCS = 0, CL = 5pF
0.5
2.8
20% to 80%, VIOVDD = 3.0V to 3.6V,
DCS = 1, CL = 10pF
0.25
1.8
20% to 80%, VIOVDD = 3.0V to 3.6V,
DCS = 0, CL = 5pF
0.3
2
Parallel Data Rise-and-Fall
Time (Figure 7)
tR, tF
20% to 80%, VIOVDD = 1.7V to 1.9V,
DCS = 1, CL = 10pF
0.5
3.1
ns
20% to 80%, VIOVDD = 1.7V to 1.9V,
DCS = 0, CL = 5pF
0.6
3.8
20% to 80%, VIOVDD = 3.0V to 3.6V,
DCS = 1, CL = 10pF
0.3
2.2
20% to 80%, VIOVDD = 3.0V to 3.6V,
DCS = 0, CL = 5pF
0.4
2.4
Deserializer Delay
tSD
(Figure 8) (Note 6)
2160
Bits
Reverse Control-Channel
Output Rise Time
tR
No forward-channel data transmission
180
400
ns
Reverse Control-Channel
Output Fall Time
tF
No forward-channel data transmission
180
400
ns
GPI-to-GPO Delay
tGPIO
Deserializer GPI to serializer GPO
(Figure 9)
350
µs
Lock Time (Note 3)
tLOCK
(Figure 10) AEQ on
1.6
ms
(Figure 10) AEQ off
1
Power-Up Time
tPU
(Figure 11)
6.5
ms
Active Output to High-Imped-
ance Time
tOAZ
(Figure 12, Figure 13)
CC write OUTENB =1
250
ns
Active High-Impedance to
Output Time
tOZA
(Figure 12, Figure 13)
CC write OUTENB =0
250
ns
AC Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 15
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com