Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 46 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 46 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 42Page - Maxim Integrated Products MAX96708 Datasheet HTML 43Page - Maxim Integrated Products MAX96708 Datasheet HTML 44Page - Maxim Integrated Products MAX96708 Datasheet HTML 45Page - Maxim Integrated Products MAX96708 Datasheet HTML 46Page - Maxim Integrated Products MAX96708 Datasheet HTML 47Page - Maxim Integrated Products MAX96708 Datasheet HTML 48Page - Maxim Integrated Products MAX96708 Datasheet HTML 49Page - Maxim Integrated Products MAX96708 Datasheet HTML 50Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
rsvd_18 (0x18)
BIT
7
6
5
4
3
2
1
0
Field
RSVD[7:0]
Reset
XXXXXXXXb
Access Type
Read Only
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7:0
Reserved: Do not change from default value
XXXXXXXX: Reserved
rsvd_19 (0x19)
BIT
7
6
5
4
3
2
1
0
Field
RSVD[7:0]
Reset
XXXXXXXXb
Access Type
Read Only
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7:0
Reserved
XXXXXXXX: Reserved
rsvd_1a (0x1A)
BIT
7
6
5
4
3
2
1
0
Field
RSVD[7:0]
Reset
XXXXXXXXb
Access Type
Read Only
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7:0
Reserved
XXXXXXXX: Reserved
i2csel (0x1B)
BIT
7
6
5
4
3
2
1
0
Field
RSVD
RSVD
RSVD
RSVD
I2CSEL
RSVD
RSVD
RSVD
Reset
0b
0b
0b
0b
Xb
Xb
Xb
Xb
Access Type Write, Read Write, Read Write, Read Write, Read
Read Only
Read Clears
All
Read Only
Read Only
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7
Reserved: Do not change from default value
0: Reserved
RSVD
6
Reserved: Do not change from default value
0: Reserved
RSVD
5
Reserved: Do not change from default value
0: Reserved
RSVD
4
Reserved: Do not change from default value
0: Reserved
I2CSEL
3
I2CSEL Pin Level: Detected I2CSEL pin level
0: Low-I2CSEL pin detected (UART)
1: High-I2CSEL pin detected (I2C)
RSVD
2
Reserved:
X: Reserved
RSVD
1
Reserved: Do not change from default value
X: Reserved
RSVD
0
Reserved: Do not change from default value
X: Reserved
www.maximintegrated.com
Maxim Integrated │ 46
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com