Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 14Page - Maxim Integrated Products MAX96708 Datasheet HTML 15Page - Maxim Integrated Products MAX96708 Datasheet HTML 16Page - Maxim Integrated Products MAX96708 Datasheet HTML 17Page - Maxim Integrated Products MAX96708 Datasheet HTML 18Page - Maxim Integrated Products MAX96708 Datasheet HTML 19Page - Maxim Integrated Products MAX96708 Datasheet HTML 20Page - Maxim Integrated Products MAX96708 Datasheet HTML 21Page - Maxim Integrated Products MAX96708 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
PIN
NAME
FUNCTION
REF SUPPLY
TYPE
POWER
5
AVDD
1.8V Analog Power Supply. Bypass AVDD to EP with 0.1μF and
0.001μF capacitors placed as close as possible to the device, with
the smaller-value capacitor closest to AVDD.
Power
13
DVDD
1.8V Digital Power Supply. Bypass DVDD to EP with 0.1μF and
0.001μF capacitors placed as close as possible to the device, with
the smaller-value capacitor closest to DVDD.
Power
22
IOVDD
I/O Supply Voltage. 1.8V to 3.3V logic I/O power supply. Bypass
IOVDD to EP with 0.1μF and 0.001μF capacitors placed as close
as possible to the device, with the smaller-value capacitor closest
to IOVDD.
Power
EP
—
Exposed Pad. EP is internally connected to device ground. Must
connect EP to the PCB ground plane through a via array for proper
thermal and electrical performance.
Power
HIGH-SPEED DIGITAL
High-Speed Digital / Multifunction
14
DOUT13/VS
Parallel-Data/Vertical-Sync Output. Defaults to parallel-data
output on power-up. Vertical-sync output when HS/VS encoding is
enabled.
IOVDD
Digital
15
DOUT12/HS
Parallel-Data/Horizontal-Sync Output. Defaults to parallel-data
output on power-up. Horizontal-sync output when HS/VS encoding
is enabled.
IOVDD
Digital
16
DOUT11/
CXTP/DE
Parallel-Data Output/Cable-Type Input/Data-Enable Output with
internal pulldown to EP. CX/TP is latched at power-up, or when
resuming from power-down mode (PWDNB = low), and switches
to parallel/data-enable output after power-up. Connect CXTP to
IOVDD with a 30kΩ resistor to set high (coax mode), or leave open
to set low (twisted-pair mode).
IOVDD
Digital
17
DOUT10/
I2CSEL
Parallel-Data Output/I2C-Select Input with Internal Pulldown to EP.
I2CSEL is latched at power-up, or when resuming from power-
down mode (PWDNB = low), and switches to parallel-data output
after power-up. Connect I2CSEL to IOVDD with a 30kΩ resistor to
set high (I2C interface), or leave open to set low (UART interface).
IOVDD
Digital
18
DOUT9/
ADD3
Parallel-Data Output/Address Input with Internal Pulldown to EP.
ADD3 is latched at power-up, or when resuming from power-down
mode (PWDNB = low), and switches to parallel-data output after
power-up. Connect ADD3 to IOVDD with a 30kΩ resistor to set
high, or leave open to set low.
IOVDD
Digital
19
DOUT8/
ADD2
Parallel-Data Output/Address Input with Internal Pulldown to EP.
ADD2 is latched at power-up, or when resuming from power-down
mode (PWDNB = low), and switches to parallel-data output after
power-up. Connect ADD2 to IOVDD with a 30kΩ resistor to set
high, or leave open to set low.
IOVDD
Digital
Pin Description
www.maximintegrated.com
Maxim Integrated │ 18
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com