Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 47 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 47 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 43Page - Maxim Integrated Products MAX96708 Datasheet HTML 44Page - Maxim Integrated Products MAX96708 Datasheet HTML 45Page - Maxim Integrated Products MAX96708 Datasheet HTML 46Page - Maxim Integrated Products MAX96708 Datasheet HTML 47Page - Maxim Integrated Products MAX96708 Datasheet HTML 48Page - Maxim Integrated Products MAX96708 Datasheet HTML 49Page - Maxim Integrated Products MAX96708 Datasheet HTML 50Page - Maxim Integrated Products MAX96708 Datasheet HTML 51Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
rsvd_1c (0x1C)
BIT
7
6
5
4
3
2
1
0
Field
RSVD
RSVD
RSVD[5:0]
Reset
0b
0b
XXXXXXb
Access Type Write, Read Write, Read
Read Only
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7
Reserved: Do not change from default value
0: Reserved
RSVD
6
Reserved: Do not change from default value
0: Reserved
RSVD
5:0
Reserved:
XXXXXX: Reserved
aeq_bst (0x1D)
BIT
7
6
5
4
3
2
1
0
Field
RSVD
RSVD
RSVD
UNDER-
BOOST_
DET
AEQ_BST[3:0]
Reset
0b
0b
0b
Xb
XXXXb
Access Type Write, Read Write, Read Write, Read
Read Only
Read Only
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7
Reserved: Do not change from default value
0: Reserved
RSVD
6
Reserved: Do not change from default value
0: Reserved
RSVD
5
Reserved: Do not change from default value
0: Reserved
UNDERBOOST_DET
4
Underboost Detected: '1' indicates that an
underboost is detected when the AEQ is at the
maximum setting
0: Normal operation
1: Underboost (at maximum AEQ gain)
detected
AEQ_BST
3:0
Adaptive Equalizer Boost Value: Selected
adaptive equalizer value; settings correspond to
gain at 750MHz
0000: 1.6dB EQ setting
0001: 2.1dB EQ setting
0010: 2.8dB EQ setting
0011: 3.5dB EQ setting
0100: 4.3dB EQ setting
0101: 5.2dB EQ setting
0110: 6.3dB EQ setting
0111: 7.3dB EQ setting
1000: 8.5dB EQ setting
1001: 9.7dB EQ setting
1010: 11dB EQ setting
1011: 12.2dB EQ setting
11XX: Reserved
id (0x1E)
BIT
7
6
5
4
3
2
1
0
Field
ID[7:0]
Reset
XXXXXXXXb
Access Type
Read Only
BITFIELD
BITS
DESCRIPTION
DECODE
ID
7:0
Device ID: 8-bit value depends on the GMSL
device attached
01001100: MAX96708
www.maximintegrated.com
Maxim Integrated │ 47
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com