Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 48 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 48 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 44Page - Maxim Integrated Products MAX96708 Datasheet HTML 45Page - Maxim Integrated Products MAX96708 Datasheet HTML 46Page - Maxim Integrated Products MAX96708 Datasheet HTML 47Page - Maxim Integrated Products MAX96708 Datasheet HTML 48Page - Maxim Integrated Products MAX96708 Datasheet HTML 49Page - Maxim Integrated Products MAX96708 Datasheet HTML 50Page - Maxim Integrated Products MAX96708 Datasheet HTML 51Page - Maxim Integrated Products MAX96708 Datasheet HTML 52Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
revision (0x1F)
BIT
7
6
5
4
3
2
1
0
Field
RSVD
RSVD
RSVD
HDCPCAP
REVISION[3:0]
Reset
0b
0b
0b
Xb
XXXXb
Access Type Write, Read Write, Read Write, Read
Read Only
Read Only
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7
Reserved: Do not change from default value
0: Reserved
RSVD
6
Reserved: Do not change from default value
0: Reserved
RSVD
5
Reserved: Do not change from default value
0: Reserved
HDCPCAP
4
HDCP Capability: '1' = HDCP capable
0: Device does not have HDCP
1: Device is HDCP capable
REVISION
3:0
Device Revision
0000: Value is 0
0001: Value is 1
1111: Value is 15
rsvd (0x20 to 0x23)
BIT
7
6
5
4
3
2
1
0
Field
RSVD[7:0]
Reset
XXXXXXXXb
Access Type
Read Only
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7:0
Reserved:
XXXXXXXX: Reserved
crossbar (0x65 to 0x6B)
BIT
7
6
5
4
3
2
1
0
Field
CROSSBAR_N[3:0]
CROSSBAR_N+1[3:0]
Reset
XXXXb
XXXXb
Access Type
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
CROSSBAR_N
7:4
Crossbar Setting: CROSSBAR selects the internal
signal to connect to the output pin, DOUT_.
Register crossbar_(N) contains settings for two
outputs, with CROSSBAR_(N) at D[7:4] and
CROSSBAR_(N+1) at D[3:0]. Default settings for
CROSSBAR(N) connects internal signal D(N) to
its respective DOUT(N) pin.
0000: Connect D0 to output
0001: Connect D1 to output
:: :
1101: Connect D13 to output
1110: Force output low
1111: Force output high
CROSSBAR_N+1
3:0
Crossbar Setting: CROSSBAR selects the internal
signal to connect to the output pin, DOUT_.
Register crossbar_(N) contains settings for two
outputs, with CROSSBAR_(N) at D[7:4] and
CROSSBAR_(N+1) at D[3:0]. Default settings for
CROSSBAR(N) connects internal signal D(N) to its
respective DOUT(N) pin.
0000: Connect D0 to output
0001: Connect D1 to output
:: :
1101: Connect D13 to output
1110: Force output low
1111: Force output high
www.maximintegrated.com
Maxim Integrated │ 48
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com