Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 31 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 31 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 27Page - Maxim Integrated Products MAX96708 Datasheet HTML 28Page - Maxim Integrated Products MAX96708 Datasheet HTML 29Page - Maxim Integrated Products MAX96708 Datasheet HTML 30Page - Maxim Integrated Products MAX96708 Datasheet HTML 31Page - Maxim Integrated Products MAX96708 Datasheet HTML 32Page - Maxim Integrated Products MAX96708 Datasheet HTML 33Page - Maxim Integrated Products MAX96708 Datasheet HTML 34Page - Maxim Integrated Products MAX96708 Datasheet HTML 35Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
Shutdown/Sleep Modes
Several sleep and shutdown modes are available when
full operation is not needed.
Configuration Link
When the high-speed video link is not needed, or unavail-
able, a configuration link can be used in its place. In
configuration-link mode, the parallel-digital input/output
is disabled, the LOCK pin remains low, and the serial link
internally generates its own clock, to allow full operation
of the control channel (UART/I2C and GPIO).
Serialization Disable
When the serial link is not needed, such as when down-
stream devices are powered off, the user can disable
serialization. In this mode, all forward communication is
shut down. The user can reenable serialization either
locally or through the reverse channel.
Sleep Mode
To reduce power consumption further, the devices can
be put into sleep mode. In this mode, all registers keep
their programmed values, and all functions in the device
are powered down except for the wake-up detectors on
the local I2C/UART interface, and the serial link. Any
activity seen by the wake-up detectors temporarily turns
on the control-channel interface. During this time, a micro-
controller can command the device to exit sleep mode.
See the Entering/Exiting Sleep Mode section.
Power-Down Mode
The lowest power-consumption mode is power-down
mode. In this mode, all functions are powered down, and
all register values are lost.
Link-Startup Procedure
Table 2 lists the startup procedure for image-sensing
applications. The control channel is available after the
video link or the configuration link is established. If the
deserializer powers up after the serializer, the control
channel becomes unavailable until 2ms after power-up.
NO.
ΜC
SERIALIZER
DESERIALIZER
—
μC connected to deserializer.
Set all configuration inputs.
Set all configuration inputs.
1
Powers up. Wait tPU.
Powers up and loads default
settings. Establishes video link
when valid PCLK available.
Powers up and loads default
settings. Locks to video-link
signal if available.
1a
(If no PCLK) Programs CLINKEN, SEREN, and/or
AUTOCLINK bits. Wait 5ms after each command.
Establishes configuration link.
Locks to config link if available.
1b
(If not locked) Sets any additional configuration bits
that are mismatched between serializer and
deserializer (e.g BWS, CX/TP). Wait 5ms for lock
after each command.
Configuration changed.
Reestablishes configuration/
video link if needed.
Configuration changed. Locks
to configuration/video link.
2
Sets Register 0x07 configuration bits in the serializer
(DBL, BWS, PXL_CRC, etc.). Wait 2ms.
Configuration changed.
Reestablishes config/video link
if needed
Loss of lock may occur.
3
Sets Register 0x07 configuration bits in the
deserializer (DBL, BWS, PXL_CRC, etc.). Wait 5ms
for lock to re-establish.
—
Configuration changed. Locks
to configuration/video link.
4
Writes rest of serializer/deserializer configuration bits. Configuration changed.
Configuration changed.
5
Writes camera/peripheral configuration bits.
Forwards commands from μC to
serializer.
Forwards commands to cam-
era/peripherals.
5a
If in configuration link: When PCLK is available, set
SEREN = 1. Wait 5ms for lock.
Enables video link.
Locks to video link.
Table 2. Link-Startup Procedure
www.maximintegrated.com
Maxim Integrated │ 31
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com