Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 62 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 62 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 58Page - Maxim Integrated Products MAX96708 Datasheet HTML 59Page - Maxim Integrated Products MAX96708 Datasheet HTML 60Page - Maxim Integrated Products MAX96708 Datasheet HTML 61Page - Maxim Integrated Products MAX96708 Datasheet HTML 62Page - Maxim Integrated Products MAX96708 Datasheet HTML 63Page - Maxim Integrated Products MAX96708 Datasheet HTML 64Page - Maxim Integrated Products MAX96708 Datasheet HTML 65Page - Maxim Integrated Products MAX96708 Datasheet HTML 66Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
UART-to-I2C Conversion
When using the UART control channel, the remote-side
device can communicate to I2C peripherals through
UART-to-I2C conversion. Set the INTTYPE bits in the
remote side device to "00" to activate UART-to-I2C
conversion. The converted I2C bit rate is the same as
the incoming UART bit rate. I2C peripherals must not use
clock stretching in order to be compatible with UART-
to-I2C conversion.
There are two possible methods the devices use to
convert UART to I2C. In the first method, I2CMETHOD =
0. The register address is sent with the I2C communica-
tion (Figure 23). For devices that do not use a register
address (such as the MAX7324) set I2CMETHOD = 1
and send a dummy byte in place of the register address
(Figure 24). In this method, the remote device omits send-
ing the register address.
Figure 23. Format Conversion Between GMSL UART and I2C with Register Address (I2CMETHOD = 0)
Figure 24. Format Conversion Between GMSL UART and I2C with Register Address (I2CMETHOD = 1)
11
SYNC FRAME
REGISTER ADDRESS NUMBER OF BYTES
DEVICE ID + WR
DATA 0
DEV ID
A
11
11
11
11
DATA N
11
11
S
1
1
1
ACK FRAME
7
: MASTER TO SLAVE
8
SERIALIZER/DESERIALIZER
PERIPHERAL
W
1
REG ADDR
8
A
1
1
8
1
11
SYNC FRAME
REGISTER ADDRESS NUMBER OF BYTES
DEVICE ID + RD
11
11
11
11
ACK FRAME
DATA 0
11
DATA N
11
UART-TO-I2C CONVERSION OF WRITE PACKET (I2CMETHOD = 0)
UART-TO-I2C CONVERSION OF READ PACKET (I2CMETHOD = 0)
S: START
P: STOP
A: ACKNOWLEDGE
: SLAVE TO MASTER
DATA 0
A
DATA N
A P
DEV ID
A
S
1
1
7
W
1
DEV ID
A
S
1
1
7
R
1
DATA N
P
1
8
A
1
DATA 0
8
A
1
REG ADDR
8
A
1
µC
SERIALIZER/DESERIALIZER
µC
SERIALIZER/DESERIALIZER
SERIALIZER/DESERIALIZER
PERIPHERAL
MASTER TO SLAVE
SERIALIZER/DESERIALIZER
SERIALIZER/DESERIALIZER
SERIALIZER/DESERIALIZER
UART-TO-I2C CONVERSION OF READ PACKET (I2CMETHOD = 1)
UART-TO-I2C CONVERSION OF WRITE PACKET (I2CMETHOD = 1)
µC
SERIALIZER/DESERIALIZER
µC
SYNC FRAME
11
11
11
11
11
11
11
11
11
11
11
11
11
11
DEVICE ID + RD
REGISTER ADDRESS NUMBER OF BYTES
SYNC FRAME
DEVICE ID + WR
REGISTER ADDRESS NUMBER OF BYTES
DATA 0
DATA N
ACK FRAME
ACK FRAME
DATA 0
DATA N
DATA N
A
DATA 0
W A
DEV ID
S
A P
PERIPHERAL
PERIPHERAL
S
1
1 1
8
8
8
1
1
1
1
7
1 1
8
1
1 1
7
DEV ID R A
A
A P
DATA 0
DATA N
SLAVE TO MASTER
S: START
P: STOP
A: ACKNOWLEDGE
www.maximintegrated.com
Maxim Integrated │ 62
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com