Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 67 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 67 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 60Page - Maxim Integrated Products MAX96708 Datasheet HTML 61Page - Maxim Integrated Products MAX96708 Datasheet HTML 62Page - Maxim Integrated Products MAX96708 Datasheet HTML 63Page - Maxim Integrated Products MAX96708 Datasheet HTML 64Page - Maxim Integrated Products MAX96708 Datasheet HTML 65Page - Maxim Integrated Products MAX96708 Datasheet HTML 66Page - Maxim Integrated Products MAX96708 Datasheet HTML 67Page - Maxim Integrated Products MAX96708 Datasheet HTML 68Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
/V denotes an automotive qualified product.
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
T = Tape and reel.
PART NUMBER
TEMP RANGE
PIN-PACKAGE
MAX96708GTJ+
-40°C to +115°C 32 TQFN-EP*
MAX96708GTJ+T
-40°C to +115°C 32 TQFN-EP*
MAX96708GTJ/V+
-40°C to +115°C 32 TQFN-EP*
MAX96708GTJ/V+T
-40°C to +115°C 32 TQFN-EP*
Ordering Information
Typical Application Circuit
SDA
SCL
OUT+
DOUT[11:0]
PCLKOUT
IN+
IN-
GPI
MAX96708
RX/SDA
TX/SCL
CAMERA APPLICATION
LOCK
MAX96709
DIN[11:0]
PCLKIN
NOTE: NOT ALL PULLUP/PULLDOWN RESISTORS ARE SHOWN. SEE PIN DESCRIPTION FOR DETAILS.
SDA
SCL
GPU
ECU
DIN[11:0]
PCLK
DIN12/HS
PCLK
DIN[11:0]
CAMERA
HS
I2C
DIN13/VS
VS
SDA
SCL
FSYNC
LOCK
OUT-
49.9Ω
49.9kΩ
49.9Ω
45.3kΩ
4.99kΩ
LMN0
ERRB
ERR
DOUT12/HS
HS
DOUT13/VS
VS
LFLTB
LFLT
I2CSEL = 1, CX/TP = 1
www.maximintegrated.com
Maxim Integrated │ 67
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com