Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 38 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 38 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 34Page - Maxim Integrated Products MAX96708 Datasheet HTML 35Page - Maxim Integrated Products MAX96708 Datasheet HTML 36Page - Maxim Integrated Products MAX96708 Datasheet HTML 37Page - Maxim Integrated Products MAX96708 Datasheet HTML 38Page - Maxim Integrated Products MAX96708 Datasheet HTML 39Page - Maxim Integrated Products MAX96708 Datasheet HTML 40Page - Maxim Integrated Products MAX96708 Datasheet HTML 41Page - Maxim Integrated Products MAX96708 Datasheet HTML 42Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
hvsrc (0x06)
BIT
7
6
5
4
3
2
1
0
Field
RSVD
RSVD
RSVD
RSVD
RSVD
HV_SRC[2:0]
Reset
Xb
1b
1b
0b
1b
111b
Access Type Write, Read Write, Read Write, Read Write, Read Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7
Reserved: Do not change from
default value
X: Reserved
RSVD
6
Reserved: Do not change from
default value
1: Reserved
RSVD
5
Reserved: Do not change from
default value
1: Reserved
RSVD
4
Reserved: Do not change from
default value
0: Reserved
RSVD
3
Reserved: Do not change from
default value
1: Reserved
HV_SRC
2:0
HS/VS Source Selection: HS/VS bit
selection
000: Use D18/D19 for HS/VS (use this setting when the serial-
izer is a 3.125Gbps device; otherwise, this setting is for use
with the MAX9273 when DBL = 0 or HVEN = 1)
001: Use D14/D15 for HS/VS (for use with the MAX9271/
MAX96705 when DBL = 0 or HVEN = 1)
010: Use D12/D13 for HS/VS (for use with the MAX96707
when DBL = 0 or HVEN = 1)
011: Use D0/D1 for HS/VS (for use with the MAX9271/
MAX9273/MAX96705/MAX96707 when DBL = 1 and HVEN =
0)
10X:
Do Not Use
110: Automatically determine the source of HSYNC/VSYNC
(for use with the MAX96707)
111: Automatically determine the source of HSYNC/VSYNC
(for use with the MAX96705)
www.maximintegrated.com
Maxim Integrated │ 38
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com