Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 41 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 41 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 37Page - Maxim Integrated Products MAX96708 Datasheet HTML 38Page - Maxim Integrated Products MAX96708 Datasheet HTML 39Page - Maxim Integrated Products MAX96708 Datasheet HTML 40Page - Maxim Integrated Products MAX96708 Datasheet HTML 41Page - Maxim Integrated Products MAX96708 Datasheet HTML 42Page - Maxim Integrated Products MAX96708 Datasheet HTML 43Page - Maxim Integrated Products MAX96708 Datasheet HTML 44Page - Maxim Integrated Products MAX96708 Datasheet HTML 45Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
i2cdst (0x0A, 0x0C)
BIT
7
6
5
4
3
2
1
0
Field
I2C_DST[6:0]
RSVD
Reset
0b
0b
Access Type
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
I2C_DST
7:1
I2C address translator destination: I2C address
translator destination A
0000000: I2C write/read address is 0x00, 0x01
0000001: I2C write/read address is 0x02, 0x03
XXXXXXX: I2C write/read address is
XXXXXXX0, XXXXXXX1
1111111: I2C write/read address is 0xFE, 0xFF
RSVD
0
Reserved: Do not change from default value
0: Reserved
i2cconfig (0x0D)
BIT
7
6
5
4
3
2
1
0
Field
I2C_LOC_ACK
I2C_SLV_SH[1:0]
I2C_MST_BT[2:0]
I2C_SLV_TO[1:0]
Reset
0b
01b
101b
10b
Access Type
Write, Read
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
I2C_LOC_ACK
7
I2C-to-I2C Slave Local Acknowledge: When
forward channel is not available
0: Disable local acknowledge when forward
channel is not available
1: Enable local acknowledge when forward
channel is not available
I2C_SLV_SH
6:5
I2C-to-I2C Slave Setup and Hold Time Setting:
Setup, hold (typ)
00: (352, 117)ns
01: (469, 234)ns
10: (938, 352)ns
11: (1406, 469)ns
I2C_MST_BT
4:2
I2C-to-I2C Master Bit Rate Setting: Min, typ, max.
000: (6.61, 8.47, 9.92)kbps bit rate
001: (22.1, 28.3, 33.2)kbps bit rate
010: (66.1, 84.7, 99.2)kbps bit rate
011: (82, 105, 123)kbps bit rate
100: (136, 173, 203)kbps bit rate
101: (265, 339, 397))kbps bit rate
110: (417, 533, 625)kbps bit rate
111: (654, 837, 980)kbps bit rate
I2C_SLV_TO
1:0
I2C-to-I2C Slave Remote-Side
Timeout Setting: Typ
00: 64μs timeout
01: 256μs timeout
10: 1024μs timeout
11: I2C timeout disabled
www.maximintegrated.com
Maxim Integrated │ 41
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com