Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 43 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 43 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 39Page - Maxim Integrated Products MAX96708 Datasheet HTML 40Page - Maxim Integrated Products MAX96708 Datasheet HTML 41Page - Maxim Integrated Products MAX96708 Datasheet HTML 42Page - Maxim Integrated Products MAX96708 Datasheet HTML 43Page - Maxim Integrated Products MAX96708 Datasheet HTML 44Page - Maxim Integrated Products MAX96708 Datasheet HTML 45Page - Maxim Integrated Products MAX96708 Datasheet HTML 46Page - Maxim Integrated Products MAX96708 Datasheet HTML 47Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 68 page
background image
rsvd_10 (0x10)
BIT
7
6
5
4
3
2
1
0
Field
RSVD[7:6]
RSVD
RSVD[4:1]
RSVD
Reset
00b
0b
0001b
0b
Access Type
Write, Read
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7:6
Reserved: Do not change from default value
00: Reserved
RSVD
5
Reserved: Do not change from default value
0: Reserved
RSVD
4:1
Reserved: Do not change from default value
0001: Reserved
RSVD
0
Reserved: Do not change from default value
0: Reserved
rsvd_11
BIT
7
6
5
4
3
2
1
0
Field
RSVD[7:4]
RSVD[3:2]
RSVD[1:0]
Reset
1111b
00b
00b
Access Type
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7:4
Reserved: Do not change from default value
1111: Reserved
RSVD
3:2
Reserved: Do not change from default value
00: Reserved
RSVD
1:0
Reserved: Do not change from default value
00: Reserved
underbst (0x12)
BIT
7
6
5
4
3
2
1
0
Field
UNDER-
BST_DET_
EN
RSVD
RSVD[5:4]
RSVD
DIS_
RWAKE
RSVD
RSVD
Reset
0b
1b
01b
0b
0b
1b
0b
Access Type Write, Read Write, Read
Write, Read
Write, Read Write, Read Write, Read Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
UNDERBST_DET_EN
7
Underboost-Detection Enable: Allow under-
boost detection driving ERRORB pin
0: Disable underboost detection driving
ERROR pin
1: Enable underboost detection driving
ERROR pin
RSVD
6
Reserved: Do not change from default value
1: Reserved
RSVD
5:4
Reserved: Do not change from default value
01: Reserved
RSVD
3
Reserved: Do not change from default value
0: Reserved
DIS_RWAKE
2
Disable Remote Wake-up
0: Enable remote wake-up
1: Disable remote wake-up
RSVD
1
Reserved: Do not change from default value
1: Reserved
RSVD
0
Reserved: Do not change from default value
0: Reserved
www.maximintegrated.com
Maxim Integrated │ 43
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com