Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 26Page - Maxim Integrated Products MAX96708 Datasheet HTML 27Page - Maxim Integrated Products MAX96708 Datasheet HTML 28Page - Maxim Integrated Products MAX96708 Datasheet HTML 29Page - Maxim Integrated Products MAX96708 Datasheet HTML 30Page - Maxim Integrated Products MAX96708 Datasheet HTML 31Page - Maxim Integrated Products MAX96708 Datasheet HTML 32Page - Maxim Integrated Products MAX96708 Datasheet HTML 33Page - Maxim Integrated Products MAX96708 Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
Adaptive Line Equalizer
The deserializer includes an adaptive line equalizer to
compensate for higher cable attenuation at higher frequen-
cies. The cable equalizer has 12 levels of compensation
to handle up to 30m coax and 15m STP cable lengths.
At initial lock, the adaptive equalizer selects the optimum
compensation level. The device can be programmed to
re-adapt periodically, or manually to compensate for any
significant changes in the transmission environment.
Spread-Spectrum Tracking
The deserializer can track a spread input clock, eliminating
the need for multiple spread clocks.
Cable-Type Configuration and Input MUX
The driver inputs are programmable for two kinds of
cable: 100Ω twisted pair and 50Ω coax (contact the
factory for devices compatible with 75Ω cables). In
coax mode, connect IN0+ to OUT+ of the serializer.
Connect IN1+ to OUT+ of the second serializer. Control-
channel data is sent to the serializer selected with the
GMSL_IN_SEL bit. Leave all unused IN_ pins uncon-
nected, or connect them to ground through 50Ω and a
capacitor for increased power-supply rejection. If OUT- is
not used, connect OUT- to VDD through a 50Ω resistor
(Figure 16). When there are μCs at the serializer, and
at each deserializer, only one μC can communicate at a
time. Disable forward and reverse channel links according
to the communicating deserializer connection to prevent
contention in I2C-to-I2C mode.
Crosspoint Switch
The crosspoint switch routes data between the parallel
input/output and the SerDes (Figure 17). The anything-to-
anything routing assures the mapping between the video
source and destination.
Figure 16. Coax Connection
Figure 17. Crosspoint-Switch Dataflow
OUT+
OUT-
IN+
OPTIONAL COMPONENTS
FOR INCREASED
POWER-SUPPLY REJECTION
IN-
AVDD
50Ω
GM
SERIALIZER
GMSL
DESERIALIZER
TO OUTPUT PINS
DOUT0
:
DOUT1
DOUT12
DOUT13
:
XBI0
XBI1
XBI12
XBI13
:
:
CROSSBAR_
4
DOUT_
14 SWITCHES
XBI0
XBI1
D0
D1
:
:
XBI12
XBI13
D12
D13
DATA
0
1
www.maximintegrated.com
Maxim Integrated │ 30
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com