Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 52 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 52 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 48Page - Maxim Integrated Products MAX96708 Datasheet HTML 49Page - Maxim Integrated Products MAX96708 Datasheet HTML 50Page - Maxim Integrated Products MAX96708 Datasheet HTML 51Page - Maxim Integrated Products MAX96708 Datasheet HTML 52Page - Maxim Integrated Products MAX96708 Datasheet HTML 53Page - Maxim Integrated Products MAX96708 Datasheet HTML 54Page - Maxim Integrated Products MAX96708 Datasheet HTML 55Page - Maxim Integrated Products MAX96708 Datasheet HTML 56Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
rsvd_9f (0x9F)
BIT
7
6
5
4
3
2
1
0
Field
RSVD
RSVD
RSVD
RSVD
RSVD
HPFTUNE[1:0]
RSVD
Reset
0b
0b
0b
0b
0b
01b
0b
Access Type Write, Read Write, Read Write, Read Write, Read Write, Read
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7
Reserved: Do not change from default value
0: Reserved
RSVD
6
Reserved: Do not change from default value
0: Reserved
RSVD
5
Reserved: Do not change from default value
0: Reserved
RSVD
4
Reserved: Do not change from default value
0: Reserved
RSVD
3
Reserved: Do not change from default value
0: Reserved
HPFTUNE
2:1
Equalizer High-Pass Filter Cutoff Frequency
00: 7.5MHz cutoff frequency
01: 3.75MHz cutoff frequency
10: 2.5MHz cutoff frequency
11: 1.87MHz cutoff frequency
RSVD
0
Reserved: Do not change from default value
0: Reserved
rsvd_a0 (0xA0)
BIT
7
6
5
4
3
2
1
0
Field
RSVD
RSVD
RSVD[1:0]
RSVD[3:0]
Reset
1b
0b
10b
1110b
Access Type Write, Read Write, Read
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7
Reserved: Do not change from default value
1: Reserved
RSVD
6
Reserved: Do not change from default value
0: Reserved
RSVD
5:4
Reserved: Do not change from default value
10: Reserved
RSVD
3:0
Reserved: Do not change from default value
1110: Reserved
rsvd_9e (0x9E)
BIT
7
6
5
4
3
2
1
0
Field
RSVD
RSVD[1:0]
RSVD[2:0]
RSVD
RSVD
Reset
1b
10b
010b
0b
0b
Access Type Write, Read
Write, Read
Write, Read
Write, Read Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7
Reserved: Do not change from default value
1: Reserved
RSVD
6:5
Reserved: Do not change from default value
10: Reserved
RSVD
4:2
Reserved: Do not change from default value
010: Reserved
RSVD
1
Reserved: Do not change from default value
0: Reserved
RSVD
0
Reserved: Do not change from default value
0: Reserved
www.maximintegrated.com
Maxim Integrated │ 52
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com