Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 6Page - Maxim Integrated Products MAX96708 Datasheet HTML 7Page - Maxim Integrated Products MAX96708 Datasheet HTML 8Page - Maxim Integrated Products MAX96708 Datasheet HTML 9Page - Maxim Integrated Products MAX96708 Datasheet HTML 10Page - Maxim Integrated Products MAX96708 Datasheet HTML 11Page - Maxim Integrated Products MAX96708 Datasheet HTML 12Page - Maxim Integrated Products MAX96708 Datasheet HTML 13Page - Maxim Integrated Products MAX96708 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
(VDVDD = VAVDD = 1.7 to 1.9V, VIOVDD = 1.7V to 3.6V, RL = 100Ω ±1% (differential), EP connected to PCB ground, TA = -40°C to
+115°C, Typical values are at, VDVDD = VAVDD = VIOVDD = 1.8V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIFFERENTIAL INPUTS (IN0+, IN0-, IN1+, IN1-)
Differential High-Input
Threshold Peak Voltage
(VIN+ - VIN-)
VIDH(P)
Activity detector, medium threshold
(0x22 D[6:5] = 01) (Figure 2)
60
mV
Activity detector, low threshold
(0x22 D[6:5] = 00) (Figure 2)
49
Differential Low-Input
Threshold Peak Voltage
(VIN+ - VIN-)
VIDL(P)
Activity detector, medium threshold
(0x22 D[6:5] = 01) (Figure 2)
-60
mV
Activity detector, low threshold
(0x22 D[6:5] = 00) (Figure 2)
-49
Input Common-Mode Voltage
(VIN+ + VIN-)/2
VCMR
1
1.3
1.6
V
Differential-Input Resistance
(Internal)
RI
80
100
130
Ω
SINGLE-ENDED INPUTS (IN0+, IN0-, IN1+, IN1-)
Single-Ended High-Input
Threshold Peak Voltage
VISH(P)
Activity detector, medium threshold
(0x22 D[6:5] = 01) (Figure 3)
43
mV
Activity detector, low threshold
(0x22 D[6:5] = 00) (Figure 3)
33
Single-Ended Low-Input
Threshold Peak Voltage
VISL(P)
Activity detector, medium threshold
(0x22 D[6:5] = 01) (Figure 3)
-43
mV
Activity detector, low threshold
(0x22 D[6:5] = 00) (Figure 3)
-33
Input Resistance (Internal)
RI
40
50
65
Ω
LINE FAULT DETECTION INPUTS (LMN0, LMN1)
Short-to-Ground Threshold
VTG
(Figure 4)
0.3
V
Normal Threshold
VTN
(Figure 4)
0.57
1.07
V
Open Threshold
VTO
(Figure 4)
1.45
VIO +
0.06
V
Open-Input Voltage
VIO
(Figure 4)
1.47
1.75
V
Short-to-Battery Threshold
VTE
(Figure 4)
2.47
V
DC Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 10
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com