Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 26 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 26 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 22Page - Maxim Integrated Products MAX96708 Datasheet HTML 23Page - Maxim Integrated Products MAX96708 Datasheet HTML 24Page - Maxim Integrated Products MAX96708 Datasheet HTML 25Page - Maxim Integrated Products MAX96708 Datasheet HTML 26Page - Maxim Integrated Products MAX96708 Datasheet HTML 27Page - Maxim Integrated Products MAX96708 Datasheet HTML 28Page - Maxim Integrated Products MAX96708 Datasheet HTML 29Page - Maxim Integrated Products MAX96708 Datasheet HTML 30Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
Detailed Description
The MAX96708 deserializer is a compact device with
features especially suited for automotive camera
applications. The device operates at a variety of output
widths and word rates up to a total serial-data rate up to
1.75Gbps. Two modes offer a 116MHz parallel clock rate
with 11 bits of video data or 87MHz parallel clock rate with
14 bits of video data. An embedded 9.6kbps to 1Mbps
control channel programs the serializer, deserializer, and
any attached UART or I2C peripherals.
To promote safety applications, the device features CRC
protection of video data. In addition, high-immunity mode
reduces the effects of bit errors corrupting communication.
Automatic equalization, along with a PRBS tester, allow
for in-system optimization of the link.
This device operates over the -40°C to +115°C automotive
temperature range.
Serial Link Signaling and Data Format
The serializer scrambles the input parallel data and
combines this with the forward control data. The data is
then encoded for transmission and output as a single
bitstream at several times the input word rate (depending
on bus width). The deserializer receives the serial data
and recovers the clock signal. The data is then deserial-
ized, decoded, and descrambled into parallel output data
and forward control data.
Operating Modes
The GMSL devices are configurable to operate in many
modes, depending on the application. These modes allow
for a more efficient use of serial bandwidth. Most of these
settings are set during system design and are configured
using the external configuration pins, or through register
bits.
Video/Configuration Link
In normal operation, the serializer runs in video-link mode
(SEREN = 1) with video data and control data sent across
the serial link. Set SEREN = 0 in the serializer to turn off
serialization. The serializer powers up in video-link mode,
and requires a valid PCLK for operation.
The configuration link is available to set up the serializer,
deserializer, and peripherals when PCLK is not available.
Set SEREN = 0 and CLINK = 1 in the serializer to enable
the configuration link (SEREN = 1 forces the serializer into
video-link mode). Once PCLK has been established, turn
on the video link (SEREN = 1).
By default, video-link mode requires a valid PCLK for opera-
tion. Set AUTO_CLINK bit = 1 (if supported), and SEREN =
1 in the serializer to automatically switch between the video
link and configuration link whenever PCLK is not present.
Single and Double Modes of Operation
Single-/double-mode operation configures the available
1.74Gbps bandwidth into a variety of widths and word
rates. Single-mode operation is compatible with all GMSL
devices, and serializes one parallel word for each serial
word. Double mode serializes two half-width parallel
words for each serial word, and results in a 2x increase
in parallel word-rate range (compared to single mode).
Set DBL = 0 for single-mode operation and DBL = 1 for
double-mode operation.
HS/VS Encoding
By default, GMSL assigns a video bit slot to HSYNC,
VSYNC, and DE (if used). With HS/VS encoding, the
device instead encodes special packets to sync signals
to free up additional video bit slots. Set HVEN = 1 to turn
on HS/VS encoding (DE, if enabled uses up a video bit).
HS/VS encoding requires that HSYNC, VSYNC, and DE
(if used) remain high during the active video, and low
during the blanking period. Use HS/VS inversion when
using reverse-polarity sync signals.
Error Detection
The serial link's 8b/10b encoding/decoding, and 1-bit
parity detect bit errors that occur on the serial link. An
optional 6-bit CRC check is available at the expense of 6
video bits. To activate 6-bit CRC mode, set PXL_CRC = 1
in the remote-side device first, and then in the local-side
device. When using 6-bit CRC mode, the available inter-
nal bus width is reduced by 6 bits in single-input mode
(DBL = 0) and 3 bits in double-input mode (DBL = 1). Note
that the input bus width may already have been reduced
due to pin availability of the serializer or deserializer; thus,
the reduction of bandwidth from CRC may not be visible
(see Table 3).
www.maximintegrated.com
Maxim Integrated │ 26
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com