Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 44 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 44 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 40Page - Maxim Integrated Products MAX96708 Datasheet HTML 41Page - Maxim Integrated Products MAX96708 Datasheet HTML 42Page - Maxim Integrated Products MAX96708 Datasheet HTML 43Page - Maxim Integrated Products MAX96708 Datasheet HTML 44Page - Maxim Integrated Products MAX96708 Datasheet HTML 45Page - Maxim Integrated Products MAX96708 Datasheet HTML 46Page - Maxim Integrated Products MAX96708 Datasheet HTML 47Page - Maxim Integrated Products MAX96708 Datasheet HTML 48Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
rsvd_13 (0x13)
BIT
7
6
5
4
3
2
1
0
Field
RSVD
RSVD
RSVD
RSVD[4:0]
Reset
1b
1b
0b
01101b
Access Type Write, Read Write, Read
Write 1 to
Set, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
RSVD
7
Reserved: Do not change from default value
1: Reserved
RSVD
6
Reserved: Do not change from default value
1: Reserved
RSVD
5
Reserved: Do not change from default value
0: Reserved
RSVD
4:0
Reserved: Do not change from default value
01101: Reserved
aeq (0x14)
BIT
7
6
5
4
3
2
1
0
Field
AEQ_EN
AEQ_PER_
MODE
AEQ_MAN_
TRG_REQ
RSVD[4:0]
Reset
1b
0b
0b
00000b
Access Type Write, Read Write, Read
Write 1 to
Set, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
AEQ_EN
7
Adaptive Equalization Enable: Enable adap-
tive equalization
0: Disable AEQ
1: Enable AEQ
AEQ_PER_MODE
6
Adaptive Equalization Periodic Mode
Select
0: Set AEQ to use nonperiodic mode
1: Set AEQ to use periodic mode
AEQ_MAN_TRG_REQ
5
Adaptive Equalization Manual Fine-Tune
Request: Rising edge of this register triggers
AEQ fine tuning when not in periodic mode
0: Do not trigger AEQ fine tuning
1: Write 1 to this bit to manually trigger the
AEQ fine tuning
RSVD
4:0
Reserved: Do not change from default value
00000: Reserved
det_err (0x15)
BIT
7
6
5
4
3
2
1
0
Field
DET_ERR[7:0]
Reset
XXXXXXXXb
Access Type
Read Only
BITFIELD
BITS
DESCRIPTION
DECODE
DET_ERR
7:0
Detected Error Counter
00000000: Value is 0
00000001: Value is 1
XXXXXXXX
11111111: Value is 255.
www.maximintegrated.com
Maxim Integrated │ 44
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com