Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX96708 Datasheet(PDF) 57 Page - Maxim Integrated Products

Part # MAX96708
Description  14-Bit GMSL Deserializer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX96708 Datasheet(HTML) 57 Page - Maxim Integrated Products

Back Button MAX96708 Datasheet HTML 53Page - Maxim Integrated Products MAX96708 Datasheet HTML 54Page - Maxim Integrated Products MAX96708 Datasheet HTML 55Page - Maxim Integrated Products MAX96708 Datasheet HTML 56Page - Maxim Integrated Products MAX96708 Datasheet HTML 57Page - Maxim Integrated Products MAX96708 Datasheet HTML 58Page - Maxim Integrated Products MAX96708 Datasheet HTML 59Page - Maxim Integrated Products MAX96708 Datasheet HTML 60Page - Maxim Integrated Products MAX96708 Datasheet HTML 61Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
Applications Information
Parallel Interface
The CMOS parallel-interface data width is programmable
and depends on the application. Using a larger width
(BWS = 1) results in a lower-pixel clock rate, while a
smaller width (BWS = 0) allows a higher-pixel clock rate.
Bus Data Width
The bus data width depends on the selected modes. The
available bus width is less when using error detection or
when in double mode (DBL = 1). Table 3 shows the avail-
able bit widths and default mapping for various modes.
Bus Data Rates
The bus data rate depends on the settings BWS and
DBL. Table 4 lists the available PCLK rates available for
different bus-width settings. For lower PCLK rates, set
DBL = 0 (if DBL = 1 in both the serializer and deserializer).
Crossbar Switch
By default, the crossbar switch connects the serializer
input pins DIN_ and HS/VS (when HV encoding is used)
to the corresponding deserializer output pins DOUT_ and
HS/VS when DBL of the serializer and deserializer match.
When there is a DBL mismatch use Table 5, Table 66,
and Table 7 to map the serial bits to the crossbar inputs.
Reprogram the crossbar switch when changing the output
pin assignments.
Crossbar Switch Programming
Each output pin can be assigned any of the 14 DOUT
signals. Multiple outputs can share the same input. To force
an output low, and ignore the input, set CROSSBAR_ bit
= 1110. To force an output high set CROSSBAR_ = 1111.
Recommended Crossbar Switch Programming
Procedure
The following procedure programs the crossbar switch to
reassign input/output pin locations:
1) For the crossbar output equivalent of DOUT0 (XBO0)
select which pin to map (e.g., DOUT4 → XBI4).
2) Set the crossbar bits (CROSSBAR0) to the desired
selected mapped input (e.g., CROSSBAR0 = 0100).
3) Repeat for the other crossbar outputs.
REGISTER BIT SETTINGS
OUTPUT MAPPING
DBL
BWS
PXL_
CRC
HVEN
1
1
1
1
DOUT11:0, HS, VS
1
1
1
0
DOUT11:0
1
1
0
1
DOUT11:0*, HS, VS
1
1
0
0
DOUT13:0*
1
0
1
1
DOUT7:0, HS, VS
1
0
1
0
DOUT7:0
1
0
0
1
DOUT10:0, HS, VS
1
0
0
0
DOUT10:0
0
1
1
1
DOUT11:0*, HS, VS
0
1
1
0
DOUT13:0*
0
1
0
1
DOUT11:0*, HS, VS
0
1
0
0
DOUT13:0*
0
0
1
1
DOUT11:0*, HS, VS
0
0
1
0
DOUT13:0*
0
0
0
1
DOUT11:0*, HS, VS
0
0
0
0
DOUT13:0*
Table 3. Output-Data Width Selection
*The bit width is limited by the number of available outputs.
Table 4. Data-Rate Selection Table
*Use DRS = 1 with legacy devices only (MAX92XX).
DRS
DBL
BWS
PCLK RANGE (MHZ)
0
1
1
25 to 87
0
1
0
33.3 to 116
0
0
1
12.5 to 43.5
0
0
0
16.7 to 58
1*
0
1
6.25 to 12.5
1*
0
0
8.33 to 16.7
www.maximintegrated.com
Maxim Integrated │ 57
MAX96708
14-Bit GMSL Deserializer
with Coax or STP Cable Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com