Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 21 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 21 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 17Page - LSI Computer Systems YMF721 Datasheet HTML 18Page - LSI Computer Systems YMF721 Datasheet HTML 19Page - LSI Computer Systems YMF721 Datasheet HTML 20Page - LSI Computer Systems YMF721 Datasheet HTML 21Page - LSI Computer Systems YMF721 Datasheet HTML 22Page - LSI Computer Systems YMF721 Datasheet HTML 23Page - LSI Computer Systems YMF721 Datasheet HTML 24Page - LSI Computer Systems YMF721 Datasheet HTML 25Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
YMF721
July 10, 1997
- 21 -
7. Hardware
7-1. ISA bus interface
(1) Data Bus Connect System
Data BUS
Since driving current of data bus, ADB7-0 pins, of YMF721(OPL4-ML2) is about 2 mA (at VDD =
5.0 V), it is recommended to use bus buffer such as LS245 as necessary. At this time, connect ABDIR
pin which outputs bus direction signal of YMF721(OPL4-ML2) with DIR (direction) pin of the bus
buffer such as LS245.
RESET
Reset (RST) pin of YMF721(OPL4-ML2) can be made "H" active or "L" active. When using "H"
active reset, /RESETSEL pin should be open or set to "H", or to "L" when using "L" active reset.
/RESETSEL pin has a built-in pull-up resistor. When this pin is set to "L", the power consumption
increases approximately by 30uA from the one obtained when the pin is open or set to "H".
I/O Channel Ready
In normal operation, the internal data bus of YMF721 (OPL4-ML2) connects the built-in processor
and FM/Wavetable synthesizer blocks. Every time the ISA bus accesses the register for
FM/Wavetable, an internal arbitration circuit causes the internal bus to connect ISA bus and
FM/Wavetable synthesizer blocks. YMF721 (OPL4-ML2) uses I/O channel ready (ARDY pin) as the
internal arbitration circuit. Connect ARDY pin of YMF721 (OPL4-ML2) and IOCHRDY pin of ISA
bus. Although ARDY pin is an open drain output, it is not necessary to attach pull up resistor because
it is usually pulled up at the ISA bus.
(2) No Data Bus Connect System
The input pins ADB7-0, A2-0, /MPUCS, /OPLCS, /IOW and /IOR must be pulled up externally.
Output pins AIRQ, ABDIR and ARDY pins must be open.
7-2. MIDI interface
When using MPU port of YMF721 (OPL4-ML2), RXD and FSP pins must be pulled up. When using
MPU port of the system and receiving MIDI data through RXD pin, FSP pin must be made "L".
7-3. Serial audio interface
YMF721 (OPL4-ML2) outputs clock signals of CLKO (384 fs = 16.9344 MHz), BCO (48 fs =
2.1168 MHz), LRO (fs = 44.1 kHz) and WCO (2 fs = 88.2 kHz) as the serial audio interface. It also
outputs four types of data including DO0 (FM external out), DO1 (Wavetable external out), DO2
(MIX out) and DO3 (effect-send out). Normally, it uses the output of DO2. When YMF721 (OPL4-
ML2) is in power down mode, /PDOUT pin outputs "L" which can be used as the power down control
signal for peripheral systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com