Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 24 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 24 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 20Page - LSI Computer Systems YMF721 Datasheet HTML 21Page - LSI Computer Systems YMF721 Datasheet HTML 22Page - LSI Computer Systems YMF721 Datasheet HTML 23Page - LSI Computer Systems YMF721 Datasheet HTML 24Page - LSI Computer Systems YMF721 Datasheet HTML 25Page - LSI Computer Systems YMF721 Datasheet HTML 26Page - LSI Computer Systems YMF721 Datasheet HTML 27Page - LSI Computer Systems YMF721 Datasheet HTML 28Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
YMF721
July 10, 1997
- 24 -
AC Characteristics
1. CPU interface (Refer to Fig. 1, 2, 3)
Notes : VSS=0[V], TOP=0~70
°C, V
DD=5.0
±0.25[V]
2. Serial audio interface (Refer to Fig. 4.)
Notes : VSS=0[V], TOP=0~70
°C, V
DD=5.0
±0.25[V]
Sampling frequency (fs) is 44.1 kHz. Duty factor is measured at 1/2 VDD
3. Others
Notes : VSS=0[V], TOP=0~70
°C
/RESETSEL = "H". Duty factor is measured at 1/2 VDD
Item
Symbol
Min.
Typ.
Max.
Unit
Address set up to /IOW, /IOR active
tAS
30
ns
Address hold
to /IOW, /IOR inactive
tAH
10
ns
/IOW Write Pulse Width
tWW
50
ns
Write Data set up to /IOW active
tWDS
10
ns
Write Data hold to /IOW inactive
tWDH
10
ns
/IOR Read Pulse Width
tRW
80
ns
Read Data access time
tACC
60
ns
Read Data hold from /IOR inactive
tRDH
10
ns
Chip select setup time
tCS
5ns
Chip select hold time
tCH
10
ns
RESET Pulse Width
tRST
100
ms
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
CLKO frequency
fCLKO16
-
16.9344
-
MHz
CLKO duty
DCLKO16
40
50
60
%
BCO frequency
fBCK
-
2.1168
-
MHz
BCO duty
DBCLK
40
50
60
%
Serial data setup time
tDS
BCO
- /DO3-0
-
118
-
ns
Serial data hold tim
tDH
BCO
¯ /DO3-0
-
118
-
ns
LRO setup time
tLRS
BCO
- /LRO
-
118
-
ns
LRO hold time
tLRH
BCO
¯ /LRO
-
118
-
ns
WCO setup time
tWCS
BCO
- /WCO
-
118
-
ns
WCO hold time
tWCH
BCO
¯ /WCO
-
118
-
ns
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Master Clock Frequency
f33
VDD=5.0
±0.25[V]
33.8688
MHz
(X’tal 33)
Duty
Df33
VDD=3.3
±0.3[V]
40
50
60
%
Power Consumption
IOP1
VDD=5.25[V]
40
50
mA
(during normal operation)
IOP2
VDD=3.60[V]
25
30
mA
Power Consumption
IOP3
VDD=5.25[V]
25
50
mA
(during power down mode)
IOP4
VDD=3.60[V]
15
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com