Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 28 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 28 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 24Page - LSI Computer Systems YMF721 Datasheet HTML 25Page - LSI Computer Systems YMF721 Datasheet HTML 26Page - LSI Computer Systems YMF721 Datasheet HTML 27Page - LSI Computer Systems YMF721 Datasheet HTML 28Page - LSI Computer Systems YMF721 Datasheet HTML 29Page - LSI Computer Systems YMF721 Datasheet HTML 30Page - LSI Computer Systems YMF721 Datasheet HTML 31Page - LSI Computer Systems YMF721 Datasheet HTML 32Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
YMF721
July 10, 1997
- 28 -
Sub Command 01h : Get Processor Software Version
Version number of firmware stored in the internal processor is read out as shown below.
YMF704B(OPL4-ML) : Version 1.22
YMF704B(OPL4-ML) : Version 1.23
YMF704C(OPL4-ML) : Version 1.24
YMF721C(OPL4-ML2) : Version 2.00
Sub Command 02h : Get Processor Software Capacity
The capacity of internal processor can be known through the capacity code.
bit0 = 1 : The synthesizer is able to add effects such as reverb or chorus send level 1.
bit1 = 1 : Suspend/Resume is supported.
bit2 = 1 :Power down is supported.
YMF704B(OPL4-ML) : Capacity Code=01h
YMF704B(OPL4-ML) : Capacity Code=03h
YMF704C(OPL4-ML) : Capacity Code=03h
YMF721C(OPL4-ML2) : Capacity Code=07h
Command
Response
80h
Command byte
84h
Response 1st byte
01h
Sub Command
02h
Integer part of version number
7Fh
Check sum
00h
1st decimal place of version number
00h
2nd decimal place of version number
7Eh
Check sum
Command
Response
80h
Command byte
85h
Response 1st byte
02h
Sub Command
00h
No use
7Eh
Check sum
00h
No use
00h
No use
07h
Capacity code
79h
Check sum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com