Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 27 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 27 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 23Page - LSI Computer Systems YMF721 Datasheet HTML 24Page - LSI Computer Systems YMF721 Datasheet HTML 25Page - LSI Computer Systems YMF721 Datasheet HTML 26Page - LSI Computer Systems YMF721 Datasheet HTML 27Page - LSI Computer Systems YMF721 Datasheet HTML 28Page - LSI Computer Systems YMF721 Datasheet HTML 29Page - LSI Computer Systems YMF721 Datasheet HTML 30Page - LSI Computer Systems YMF721 Datasheet HTML 31Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
YMF721
July 10, 1997
- 27 -
Supplementary Information 1 (about commands)
The following commands are used to check existence and identification of YMF704C/721(OPL4-
ML/ML2) by using device driver.
Command 80h
This command is used mainly to obtain version information of the internal processor. The device
driver is able to know capability of the internal processor before it controls the hardware.
Sub Command 00h : Get Processor Device ID
The character string "GMP_OPL4" is read from ID strings. Existence of YMF721 (OPL4-ML2) can
be confirmed with this character string.
Command
Sub Command Command Length Response Length
Function
80h
00h
3byte
11byte
Get Processor Device ID
80h
01h
3byte
5byte
Get Processor Software Version
80h
02h
3byte
6byte
Get Processor Software Capacity
81h
00h
3byte
8byte
Get OPL4-MLx Information
82h
00h
3byte
31byte
Get wave ROM Copyright Data
82h
01h
3byte
5byte
Get wave ROM Version
Command
Response
80h
Command byte
8Ah
Response 1st byte
00h
Sub Command
47h ”G”
00h
Check sum
4Dh “M”
50h “P”
5Fh “_”
ID Strings
4Fh “O”
50h “P”
4Ch “L”
34h “4”
00h
Strings Last Code
1Eh
Check sum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com