Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 20 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 20 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 16Page - LSI Computer Systems YMF721 Datasheet HTML 17Page - LSI Computer Systems YMF721 Datasheet HTML 18Page - LSI Computer Systems YMF721 Datasheet HTML 19Page - LSI Computer Systems YMF721 Datasheet HTML 20Page - LSI Computer Systems YMF721 Datasheet HTML 21Page - LSI Computer Systems YMF721 Datasheet HTML 22Page - LSI Computer Systems YMF721 Datasheet HTML 23Page - LSI Computer Systems YMF721 Datasheet HTML 24Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
YMF721
July 10, 1997
- 20 -
6-6. Wavetable synthesizer register
6-6-1. Status register
Status Register (RO):
port
D7D6D5D4D3D2D1D0
OPL_Base + 4
------
LD
BUSY1
6-6-2. Data register
Data Register (R/W):
Index
D7
D6
D5
D4
D3
D2
D1
D0
00 - 01h
LSI TEST
02h
DEVICE ID (“0” “1” “0”)
TONE HEADER
MTYPE
MODE
03h
Memory Address (MA21-16)
04h
Memory Address (MA15-8)
05h
Memory Address(MA7-0)
06h
Memory Data(MD7-0)
08-1Fh
TONE NUMBER (L)
20-37h
F-NUMBER (L)
TNUM (H)
38-4Fh
BLOCK
PREV
F-NUMBER (H)
50-67h
TOTAL LEVEL
LDIR
68-7Fh
KEYON
DAMP
LFORST
CH
PAN POT
80-97h
CHORUS SEND
LFO
VIB
98-AFh
AR
D1R
B0-C7h
DL
D2R
C8-DFh
RATE INTERPOLATION
RR
E0-F7h
REVERB SEND
-
-
AM
F8h
-
-
MIX CONTROL (FM-R)
MIX CONTROL (FM-L)
F9h
-
-
MIX CONTROL (Wave-R)
MIX CONTROL (Wave-L)
FAh
---
--
--
ATC
FBh
---
--
---
Default :
After initial clear, index 02h becomes 40h (Device ID) and index F8h becomes 2Dh (-15dB), and all
the other registers are cleared to "0". For the details of these registers, refer to data sheet for
YMF295(OPL4-D).
Note :
BUSY1 is a BUSY flag for Wavetable registers. Wavetable status/Data register is normally accessed
by the internal processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com