Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 3 Page - LSI Computer Systems

  YMF721 Datasheet HTML 1Page - LSI Computer Systems YMF721 Datasheet HTML 2Page - LSI Computer Systems YMF721 Datasheet HTML 3Page - LSI Computer Systems YMF721 Datasheet HTML 4Page - LSI Computer Systems YMF721 Datasheet HTML 5Page - LSI Computer Systems YMF721 Datasheet HTML 6Page - LSI Computer Systems YMF721 Datasheet HTML 7Page - LSI Computer Systems YMF721 Datasheet HTML 8Page - LSI Computer Systems YMF721 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
YMF721
July 10, 1997
- 3 -
PIN DESCRIPTION
ISA bus interface : 19 pins
Pin name
pins
I/O
Type
Size
Function
ADB7-0
8
I/O
TTL
2mA
Data bus
A2-0
3
I
TTL
-
Address bus
/MPUCS
1
I
TTL
-
MPU401 chip select
/OPLCS
1
I
TTL
-
FM/Wavetable/Command/Control chip select
/IOW
1
I
TTL
-
Write enable
/IOR
1
I
TTL
-
Read enable
RST
1
I
TTL
-
Initial clear input
AIRQ
1
O
TTL
2mA
Interrupt signal ("H" : Interrupt)
ABDIR
1
O
TTL
2mA
Selection of data transfer direction
(“L” : YMF721
®Host)
ARDY
1
OD
TTL
12mA
I/O channel ready/busy selection ("L" : Busy)
MIDI interface : 2 pins
Pin name
pins
I/O
Type
Size
Function
RXD
1
I
TTL
-
MIDI serial data input
FSP
1
I
TTL
-
Selection of MIDI serial/parallel transmission
(“H” : Parallel, “L” : Serial)
Serial audio interface : 8 pins
Pin name
pins
I/O
Type
Size
Function
CLKO
1
O
CMOS
8mA
Clock output (384fs = 16.9344MHz)
BCO
1
O
CMOS
2mA
Bit clock output (48fs = 2.1168MHz)
LRO
1
O
CMOS
2mA
L/R clock output (fs = 44.1kHz)
WCO
1
O
CMOS
2mA
Word clock output (2fs = 88.2kHz)
DO3
1
O
CMOS
2mA
Effect send output
DO2
1
O
CMOS
2mA
MIX (FM + Wavetable) output
DO1
1
O
CMOS
2mA
Wavetable output
DO0
1
O
CMOS
2mA
FM output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com