Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 11 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 11 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 7Page - LSI Computer Systems YMF721 Datasheet HTML 8Page - LSI Computer Systems YMF721 Datasheet HTML 9Page - LSI Computer Systems YMF721 Datasheet HTML 10Page - LSI Computer Systems YMF721 Datasheet HTML 11Page - LSI Computer Systems YMF721 Datasheet HTML 12Page - LSI Computer Systems YMF721 Datasheet HTML 13Page - LSI Computer Systems YMF721 Datasheet HTML 14Page - LSI Computer Systems YMF721 Datasheet HTML 15Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
YMF721
July 10, 1997
- 11 -
4. MIDI Interface
MIDI serial data can be inputted from RXD pin. It is necessary to input MIDI data complied with MIDI
1.0 detailed specification to RXD pin.
The serial data is the rate of 31.25kbit/sec (+/-1%) and the unit of 10 bits. The first bit is a start bit, the
next 8 bits are data (LSB to MSB), and the 10th bit is a stop bit.
5. Power management functions
YMF721 (OPL4-ML2) has two types of power management functions as follows.
(1) Global power down mode
(2) Suspend/Resume mode
5-1. Global power down mode
Generation of clock signal is disabled (stopped). Total power consumption of YMF721 (OPL4-ML2) is
approximately 20uA (typ.). Writing "FDh" into command register or receiving System Exclusive MIDI
Message makes in this mode. YMF721 (OPL4-ML2) outputs "L" from /PDOUT pin in this mode,
which can be used as power down control signal for peripheral equipment. Set KON bit (FM
synthesizer register) to "0" for all channels before going into this mode. Check that play back of MIDI
data is stopped.
/RESETSEL pin has a built-in pull up resistor. When this pin is at "L" in this mode, the power
consumption is higher by approximately 30uA than the one when this pin is open or at "H".
5-1-1. ISA BUS Connect System
When "FDh" has been written into command register, the internal processor goes into the global power
down mode after performing the following internal processes.
1) Disabling synthesizer's internal clock
2) Setting GBUSY bit of status register to "0".
YMF721 (OPL4-ML2) requires over 30 msec to complete the above processes before going into the
power down mode.
Since generation of the clock has been disabled, recovery from the power down mode can not be made
by using command. Thus, it is necessary to use PDY and PDX bits of control register for the recovery.
To resume normal operation through the recovery sequence, waiting time of 50 to 100 msec is required
before the oscillation of crystal stabilizes when internal oscillation is used, or 3 msec or more before
the recovery of clock generated in the synthesizer.
For the details of power down command, refer to 6-3. After the power down command, FDh, has been
written, do not write any command before sending a recovery command to the control register to return
to the normal mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com