Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 1 Page - LSI Computer Systems

  YMF721 Datasheet HTML 1Page - LSI Computer Systems YMF721 Datasheet HTML 2Page - LSI Computer Systems YMF721 Datasheet HTML 3Page - LSI Computer Systems YMF721 Datasheet HTML 4Page - LSI Computer Systems YMF721 Datasheet HTML 5Page - LSI Computer Systems YMF721 Datasheet HTML 6Page - LSI Computer Systems YMF721 Datasheet HTML 7Page - LSI Computer Systems YMF721 Datasheet HTML 8Page - LSI Computer Systems YMF721 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
YMF721
OPL4-ML2
FM + Wavetable Synthesizer LSI
YAMAHA CORPORATION
July 10, 1997
YMF721 CATALOG
CATALOG No.:LSI-4MF721A20
Jury 10, 1997
OVERVIEW
YMF721 (OPL4-ML2) is a high quality and low cost Wavetable synthesizer LSI. YMF721 (OPL4-ML2)
integrates an OPL3 (FM synthesizer), General MIDI processor and 1 Mbyte Wavetable sample ROM into one
chip, and complies with General MIDI (GM) system level 1. Thus, it is best suited to multimedia applications,
sound cards, MIDI synthesis modules and other sound applications.
Since this LSI outputs stereophonic 16 bit digital signal (fs = 44.1 kHz), it can be connected directly with
YMF701B, 711 or 715 (OPL3-SA, SA2 or SA3) or with YAC516(DAC16-L).
Operating voltage, 3.3 V, allows this LSI to be controlled with notebook personal computers.
Power management functions (power down and suspend/resume functions) of OPL4-ML2 contribute to low
power consumption of personal computers into which this product is built-in.
FEATURES
• The Wavetable synthesizer of this LSI is able to generate up to 24 types of sounds simultaneously.
• Has an interface that makes this LSI compatible with MPU-401 UART mode.
• Has an OPL3 (FM synthesizer) for AdLib/Sound Blaster applications.
• Has a 1 Mbyte built-in Wavetable sample ROM.
• Complies with GM system Level 1. (Thus, it is compatible with DOS applications that support MPU-401.)
• MIDI signal can be transmitted either through serial input or parallel input.
• FM synthesizer and Wavetable synthesizer of this LSI can generate their sound at the same time.
• FM synthesizer is register-compatible with OPL3.
• All registers are readable.
• Power management functions included power down and suspend/resume can be supported.
• Frequency of master clock signal is 33.8688 MHz.
• Pin compatible with YMF704C-S (100 pin SQPF)
• Voltage of power supply can be 5.0 V or 3.3 V.
• Silicone gate CMOS process
• 100-pin SQFP (YMF721-S).
GENERAL MIDI logo is a trademark of Association of Musical Electronics Industry (AMEI), and
indicates GM system level 1 Compliant.


Similar Part No. - YMF721

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YMF724 YAMAHA-YMF724 Datasheet
268Kb / 50P
high performance audio controller for the PCI Bus
YMF724F YAMAHA-YMF724F Datasheet
268Kb / 50P
high performance audio controller for the PCI Bus
YMF724F-V YAMAHA-YMF724F-V Datasheet
268Kb / 50P
high performance audio controller for the PCI Bus
More results

Similar Description - YMF721

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72131 SANYO-LC72131 Datasheet
406Kb / 23P
AM/FM PLL Frequency Synthesizer
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
Mobile FM Multiplex Broadcast Receiver LSI
LV2105V SANYO-LV2105V Datasheet
74Kb / 7P
530 MHz PLL Frequency Synthesizer LSI
logo
Zilog, Inc.
Z89340 ZILOG-Z89340 Datasheet
373Kb / 30P
Digital Wavetable Engine
logo
Cirrus Logic
CS9236 CIRRUS-CS9236 Datasheet
414Kb / 34P
SINGLE-CHIP WAVETABLE MUSIC SYNTHESIZER
logo
NEC
UPD1703C-011 NEC-UPD1703C-011 Datasheet
477Kb / 9P
PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
UPD1703C-013 NEC-UPD1703C-013 Datasheet
516Kb / 9P
PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
UPD1703C-017 NEC-UPD1703C-017 Datasheet
517Kb / 9P
PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
logo
OKI electronic componet...
MSM9552 OKI-MSM9552 Datasheet
63Kb / 7P
LSI for FM Multiplex Data Demodulation
logo
List of Unclassifed Man...
CS9233 ETC-CS9233 Datasheet
115Kb / 1P
Integrated Wavetable Music Synthesizer
JAN .95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com