Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 33 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 33 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 29Page - LSI Computer Systems YMF721 Datasheet HTML 30Page - LSI Computer Systems YMF721 Datasheet HTML 31Page - LSI Computer Systems YMF721 Datasheet HTML 32Page - LSI Computer Systems YMF721 Datasheet HTML 33Page - LSI Computer Systems YMF721 Datasheet HTML 34Page - LSI Computer Systems YMF721 Datasheet HTML 35Page - LSI Computer Systems YMF721 Datasheet HTML 36Page - LSI Computer Systems YMF721 Datasheet HTML 37Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
YMF721
July 10, 1997
- 33 -
2-2-6. Channel Mode Touch
<BnH>
<Control No.>
< Data>
a) All Sound Off
When this message is received, all sounds are muted. However, states of channel messages, that are
Note ON and Hold ON etc., are kept.
Control No.
Parameter
Data range
120
All Sound Off
0
b) Reset All Controllers
When this message is received, controller etc. of the designated channel are set as shown below:
Controller
Reset Value
Pitch Bend Change
±0
Modulation
0 (OFF)
Expression
127 (max)
Hold
0 (OFF)
Sostenuto
0 (OFF)
RPN
No Number selected.
Control No.
Parameter
Data range
121
ResetAll Controllers
0
c) All Note Off
All Notes, that are ON at the designated channel, become OFF.
However, when Hold and Sostenuto are ON, the sound is not stopped until they become OFF.
Control No.
Parameter
Data range
123
All Note Off
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com