Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 22 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 22 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 18Page - LSI Computer Systems YMF721 Datasheet HTML 19Page - LSI Computer Systems YMF721 Datasheet HTML 20Page - LSI Computer Systems YMF721 Datasheet HTML 21Page - LSI Computer Systems YMF721 Datasheet HTML 22Page - LSI Computer Systems YMF721 Datasheet HTML 23Page - LSI Computer Systems YMF721 Datasheet HTML 24Page - LSI Computer Systems YMF721 Datasheet HTML 25Page - LSI Computer Systems YMF721 Datasheet HTML 26Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
YMF721
July 10, 1997
- 22 -
7-4. Others
Power Supply
It is recommended to install a line noise filter in the YMF721 (OPL4-ML2). Be sure to install 0.1uF
ceramic capacitor between each of VDD pins and VSS pins as close to the pins as possible, especially
the pin No. 63 (VDD).
5V/3V
When operating YMF721 (OPL4-ML2) with 5 V, 5V/3V pin must be pulled up. When operating it
with 3.3 V, set the pin to "L".
XI, XO
YMF721 (OPL4-ML2) requires the clock frequency of 33.8688 MHz. This signal can be supplied
from the system or from the self-oscillation circuit connected with crystal oscillator
Yamaha recommends either of the following two types of parallel resonance type oscillator
made by Daishinku Co., Ltd.
(i) 3rd Overtone Type
AT-49, SMD-49 : R=5.6K, c1=c2=10pF
(ii) Fundamental Type
AT-49, SMD-49 : R=1M, c1=c2=5pF
Use of the Crystal oscillator with frequency deviation within 100 ppm is recommended. Length of
wiring lead from XI and XO pin to each component (crystal, resistor and capacitor) should be 0.5
inch or less respectively and the circuit pattern should be shielded on its periphery to minimize effect
on the peripheral devices.
Since YMF721 (OPL4-ML2) is able to use power down mode, the power consumption can be
minimized when generation of the clock signal is discontinued during this mode.
YMF721(OPL4-ML2)
100
99
XO
XI
33.8688MHz
R
c2
c1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com