Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 32 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 32 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 28Page - LSI Computer Systems YMF721 Datasheet HTML 29Page - LSI Computer Systems YMF721 Datasheet HTML 30Page - LSI Computer Systems YMF721 Datasheet HTML 31Page - LSI Computer Systems YMF721 Datasheet HTML 32Page - LSI Computer Systems YMF721 Datasheet HTML 33Page - LSI Computer Systems YMF721 Datasheet HTML 34Page - LSI Computer Systems YMF721 Datasheet HTML 35Page - LSI Computer Systems YMF721 Datasheet HTML 36Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
YMF721
July 10, 1997
- 32 -
i) RPN
This is a message to set Pitch Bend Sensitivity and Tuning of each part.
After the modified parameter is designated by RPN MSB and RPN LSB, set the parameter value at
Data Entry.
Control No.
Parameter
Data range
100
RPN LSB
0 to 127
101
RPN MSB
0 to 127
RPN
MSB/LSB
Data Entry
MSB/LSB
00h 00H
mmH ---
Pitch Bend Sensitivity
mmH : 00H -18H (0-24 semitone)
------ : don’t care
2 octaves in semitone steps
Set to 2 semitones when powered on
00H 01H
mmH llH
Master Fine Tuning (-100¢ to 100¢)
mmH,llH : 00H,00H - 40H,00H - 7FH,7FH
(-8192*100/8192 to 0 +8192*100/8192¢)
00H 02H
mmH ---
Master Coarse Tuning (-24 - 0 - +24 semitone)
mmH : 28H -40H - 58H
---
: don’t care
2-2-3. Program Change
<CnH>
<Program No.>
This is a message to select a tone (voice) used in each part. GM tone (Bank Select MSB 0) or drum kit
(Bank Select MSB 127) is received by combination with a Bank Select.
GM tone : 128 tones (Program No. 0 to 127)
Drum kit : 9 sets (Program No. 0, 1, 8, 16, 24, 25, 32, 40, 48)
2-2-4. Pitch Bend
<EnH>
<Data-L>
<Data-H>
This is a message to inform Pitch Bend information of each part.
Recieving the Pitch Bend message is valid only when GM tone, and invalid when drum kit.
Parameter
Data range
Data LSB
0 to 127
Data MSB
0 to 127
The resolution is 14 bits (-8192 to 8191).
2-2-5. Channel After Touch
<DnH>
<Data>
This is a message to inform a degree of pressure after playing a keyboard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com