Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 16 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 16 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 12Page - LSI Computer Systems YMF721 Datasheet HTML 13Page - LSI Computer Systems YMF721 Datasheet HTML 14Page - LSI Computer Systems YMF721 Datasheet HTML 15Page - LSI Computer Systems YMF721 Datasheet HTML 16Page - LSI Computer Systems YMF721 Datasheet HTML 17Page - LSI Computer Systems YMF721 Datasheet HTML 18Page - LSI Computer Systems YMF721 Datasheet HTML 19Page - LSI Computer Systems YMF721 Datasheet HTML 20Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
YMF721
July 10, 1997
- 16 -
6-3-2. Resume
Command and Response have the following formats.
For Resume, data following the sub command are transmitted as seven bit data. Thus, it is necessary
to send the data obtained with suspend command to the internal processor after encoding it.
Checksum is determined so that the result of logical product (AND) of 7Fh and the sum of sub
command byte, encoded data and checksum becomes "0". The internal processor returns to the state
immediately before execution of Command E0h when it confirms that the data has been received
normally.
6-3-3. Others
YMF721(OPL4-ML2) can use the following special commands that do not send response.
1) Command FDh : Power down mode
Refer to 5-1.
When the power down command FDh has been written into the command register, do not write
any command before the return command to the control register has been executed.
2) Command FEh : Checking operating state of internal processor
This command is used to check if the internal processor is operating normally.
The internal processor is deemed operating normally if GBUSY bit of Status register is "0".
3) Command FFh : Discontinuing command execution
This command is used to discontinue the execution of a command. This command can be used
only when another command is being executed.
Command
Response
E1h
Command byte
None
0x00
Sub Command
data_0
data
..........
.......
data_n
last data
checksum
checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com