Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 23 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 23 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 19Page - LSI Computer Systems YMF721 Datasheet HTML 20Page - LSI Computer Systems YMF721 Datasheet HTML 21Page - LSI Computer Systems YMF721 Datasheet HTML 22Page - LSI Computer Systems YMF721 Datasheet HTML 23Page - LSI Computer Systems YMF721 Datasheet HTML 24Page - LSI Computer Systems YMF721 Datasheet HTML 25Page - LSI Computer Systems YMF721 Datasheet HTML 26Page - LSI Computer Systems YMF721 Datasheet HTML 27Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
YMF721
July 10, 1997
- 23 -
Electrical Characteristics
Absolute Maximum Ratings
Notes : VDD=DVDD=AVDD, VSS=DVSS=AVSS=0[V]
Recommended Operating Conditions
Notes : DVSS=AVSS=0[V]
DC Characteristics
Notes : VSS=0[V], TOP=0~70
°C, V
DD=5.0
±0.25[V]
*1) Applicable to output pins except XO and /ARDY.
*2) Applicable to /ARDY pin.
Item
Symbol
Minimum
Maximum
Unit
Power Supply Voltage (Analog/Digital)
VDD
VSS-0.5
VSS+7.0
V
Input Voltage
VIN
VSS-0.5
VDD+0.5
V
Output Voltage
VOUT
VSS-0.3
VDD+0.3
V
Input Current
IIN
-20
20
mA
Storage Temperature
TSTG
-50
125
°C
Item
Symbol
Min.
Typ.
Max.
Unit
Operating voltage 1 (5.0V Spec. 5V/3V=“H”)
VDD1
4.75
5.00
5.25
V
Operating voltage 2 (3.3V Spec. 5V/3V=“L”)
VDD2
3.00
3.30
3.60
V
Operating Ambient Temperature
TOP
025
70
°C
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
TTL-Input Pins
High Level Input Voltage 1
VIH1
Except XI and 5V/3V pins
2.0
V
Low Level Input Voltage 1
VIL1
0.8
V
CMOS-Input Pins
High Level Input Voltage 1
VIH2
Applicable to XI and 5V/3V 0.7VDD
V
Low Level Input Voltage 1
VIL2
0.2VDD
V
Input Leakage Current
IL
VIN=VSS,VDD
-10
10
mA
Input Capacitance
CI
10
pF
/TEST, /TEST2
Pull up Register
RU1
/TEST3, /TESTA
50
400
k
W
/TESTB, /RESETSEL
High Level Output Voltage 1
VOH1
IOH1 = -80
mA (5V/3V=“L”)
2.4
V
Low Level Output Voltage 1
VOL1
IOL1 = 2mA (*1)
0.4
V
High Level Output Voltage 2
VOH2
IOH2 = -80
mA (5V/3V=“H”)
VDD-1.0
V
Low Level Output Voltage 2
VOL2
IOL2 = 2mA (*1)
VSS+0.4
V
Low Level Output Voltage 3
VOL
IOL1 = 4mA (5V/3V=“L”)
0.4
V
IOL2 = 2mA (*2)
Low Level Output Voltage 4
VOL
IOL1 = 12mA (5V/3V=“H”)
0.4
V
IOL2 = 2mA (*2)
Output Capacitance
CO
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com