Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 10 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 10 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 6Page - LSI Computer Systems YMF721 Datasheet HTML 7Page - LSI Computer Systems YMF721 Datasheet HTML 8Page - LSI Computer Systems YMF721 Datasheet HTML 9Page - LSI Computer Systems YMF721 Datasheet HTML 10Page - LSI Computer Systems YMF721 Datasheet HTML 11Page - LSI Computer Systems YMF721 Datasheet HTML 12Page - LSI Computer Systems YMF721 Datasheet HTML 13Page - LSI Computer Systems YMF721 Datasheet HTML 14Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
YMF721
July 10, 1997
- 10 -
Notes:
´ : Don’t care
When address has been written into FM block, the time required to wait until writing of address
or data into Wavetable block is started is 0 (zero) nsec. When address has been written into
Wavetable block, the time required to wait until writing of address or data into FM block is
started is also 0 (zero) nsec. When FM block has been accessed, it is necessary to wait 860 nsec
or more before the FM block can be accessed again.
Interrupt
AIRQ
: Interrupt signal ("H" : Interrupt)
YMF721 (OPL4-ML2) is able to provide one interrupt signal. There are two types of sources of
this interrupt signal as follows.
1) Two timer flags that are used for tempo counter of FM synthesizer
2) The flag that occurs when internal processor writes data into the Command response register
The flags described in 2) is disabled as a default.
3. Serial audio interface
YMF721 (OPL4-ML2) can be connected directly with an external DAC such as YAC516 through BCO,
LRO, WCO and DO3-0 pins.
BCO...
Outputs bit clock. The frequency of this clock is 48 fs. (fs is the sampling
frequency that is equal to the frequency of clock outputted from LRO.) Typical
duty factor of this signal is 50 %.
LRO...
Specifies a channel for serial audio data. When LRO is "H", data is outputted
from left channel, or when "L", from right channel. Frequency of this clock is
44.1 kHz. Typical duty factor of this signal is 50 %.
WCO...
Frequency of this clock is 88.2 kHz. Typical duty factor of this signal is 50 %.
DO3-0...
These pins output serial audio data as follows.
DO3...
Outputs data of Wavetable whose effect send level has been adjusted.
DO2...
Outputs data that is the mixture of those of FM and Wavetable.
DO1...
Outputs Wavetable data.
DO0...
Outputs FM data.
Format of the serial audio interface is as follows.
0
10
1
2
3
4
5
6
7
8
9
10
11
15 14 13 12
0
1
2
3
4
5
6
7
8
9
10
11
15 14 13 12
BCO
DO3-0
24 BCO
24 BCO
LRO
WCO
Format of YMF721 (OPL4-ML2) serial audio interface
Left Channel
Right Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com