Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 29 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 29 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 25Page - LSI Computer Systems YMF721 Datasheet HTML 26Page - LSI Computer Systems YMF721 Datasheet HTML 27Page - LSI Computer Systems YMF721 Datasheet HTML 28Page - LSI Computer Systems YMF721 Datasheet HTML 29Page - LSI Computer Systems YMF721 Datasheet HTML 30Page - LSI Computer Systems YMF721 Datasheet HTML 31Page - LSI Computer Systems YMF721 Datasheet HTML 32Page - LSI Computer Systems YMF721 Datasheet HTML 33Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
YMF721
July 10, 1997
- 29 -
Command 81h
Sub Command 00h : Get OPL4-MLx Information
Since the synthesizer of YMF721(OPL4-ML2) is the same as YMF295(OPL4-D), the character
string of "OPL4D" is obtained as described below.
Command 82h
These commands are used to know information about the internal Wavetable sample ROM.
Sub Command 00h : Get Wave ROM Copyright Data
This command is used to know capacity of internal processor. As the strings, character strings of
"copyright yamaha corporation"(28bytes) are returned.
Sub Command 01h : Get Wave ROM Version
This command is used to know version number of internal Wavetable sample ROM.
YMF704C(OPL4-ML) : Version 1.02
YMF721C(OPL4-ML2) : Version 1.03
Command
Response
81h
Command byte
87h
Response 1st byte
00h
Sub Command
4Fh “O”
00h
Check sum
50h “P”
4Ch “L”
ID Strings
34h “4”
44h “D”
00h
Strings Last Code
1Dh
Check sum
Command
Response
82h
Command byte
9Eh
Response 1st byte
00h
Sub Command
00h
Check sum
strings
Copyright Data
00h
Strings Last Code
46h
Check sum
Command
Response
82h
Command byte
84h
Response 1st byte
01h
Sub Command
01h
Integer part of version number
7Fh
Check sum
00h
First decimal place of version number
03h
Second decimal place of version number
7Ch
Check sum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com