Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 34 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 34 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 30Page - LSI Computer Systems YMF721 Datasheet HTML 31Page - LSI Computer Systems YMF721 Datasheet HTML 32Page - LSI Computer Systems YMF721 Datasheet HTML 33Page - LSI Computer Systems YMF721 Datasheet HTML 34Page - LSI Computer Systems YMF721 Datasheet HTML 35Page - LSI Computer Systems YMF721 Datasheet HTML 36Page - LSI Computer Systems YMF721 Datasheet HTML 37Page - LSI Computer Systems YMF721 Datasheet HTML 38Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
YMF721
July 10, 1997
- 34 -
3. System Realtime Message
3-1. System Reset
<FFH>
Notes of all channels are damped.
Controllers of all channels become default value.
3-2. System Exclusive Message
3-2-1. GM System Level 1 ON
<F0 7E 7F 09 01 F7>
3-2-2. XG System ON
<F0 43 1n 4C 00 00 7E 00 F7>
n : Device No. Don’t care.
When this message is received, Notes of all channels are damped.
All setting value become default without MIDI Master Tuning.
3-2-3. MIDI Master Volume
<F0 7F 7F 04 01 ss tt F7>
When this message is received, all volumes are set.
Data range of ss and tt is 0 to 127 (00H to 7FH). However, the value of tt is only valid, and ss is
ignored.
00H : Minimum volume, 7FH : Maximum volume
3-2-4. MIDI Master Tuning
<F0 43 1n 27 30 00 00 xm xl cc F7>
n : Device No. Don’t care.
When this message is received, pitch of all channel are changed at the same time.
Data range of xm and xl is 0 to 127 (00H to 7FH). However, 8 bits value (0 to 255), that is composed
of m and l, is valid range.
128 (ml=80H) : Center,
±1 : up/down by 1¢
This parameter is ignored at drum kit (channel 10 and bank 127).
And, this parameter is not reset by System Reset, GM System Level 1 ON and XG System ON.
3-2-5. Power Down Command
<F0 43 79 04 0E 6D 7F>
3-2-6. Internal Micro-Processor Reset Command
<F0 43 79 04 0F 6B 7F>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com