Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 8 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 8 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 4Page - LSI Computer Systems YMF721 Datasheet HTML 5Page - LSI Computer Systems YMF721 Datasheet HTML 6Page - LSI Computer Systems YMF721 Datasheet HTML 7Page - LSI Computer Systems YMF721 Datasheet HTML 8Page - LSI Computer Systems YMF721 Datasheet HTML 9Page - LSI Computer Systems YMF721 Datasheet HTML 10Page - LSI Computer Systems YMF721 Datasheet HTML 11Page - LSI Computer Systems YMF721 Datasheet HTML 12Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
YMF721
July 10, 1997
- 8 -
1-2. System without MPU401 UART
This section describes an example of a system that does not have MPU401 UART in it.
In this example, MPU401 UART of YMF721 (OPL4-ML2) is used.
FM synthesizer of this LSI is compatible with applications that support AdLib/Sound Blaster, and Wavetable
synthesizer is compatible with applications that support MPU401.
Note :
For the above case, MPU401 port of YMF721 (OPL4-ML2) must be made active because the system does not
have MPU401 UART in it. Addresses of standard ports through which reading or writing of registers of
YMF721 (OPL4-ML2) is made are as follows.
1) /OPLCS
: 388 - 38Fh (8byte)
2) /MPUCS
: 330 - 331h (2byte)
As a source of master clock for YMF721 (OPL4-ML2), use a crystal oscillator by connecting it to XI and
XO pins, or use the clock of 33.8688 MHz from the system. Connect BCO, LRO, DO2, /PDOUT and
CLKO directly to YAC516 (DAC16-L) as shown to convert serial data output to analog signal. Then, it is
recommended to amplify the volume of source of YMF721 through the suitable gain as shown for the
purpose of equalizing the volumes of multiple sources.
IOCHRDY
SA2-0
SA15-0
AEN
RESETDRV
/IOW
/IOR
SD7-0
ARDY
RESET
A2-0
/IOW
/IOR
ADB7-0
ABDIR
Lch
Lch out
Rch
Rch out
LRCK
MCLK
/PDIN
BCLK
SDATA
/OPLCS
/MPUCS
FSP
RXD
/PDOUT
CLKO
BCO
LRO
DO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com