Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YMF721 Datasheet(PDF) 12 Page - LSI Computer Systems

Part # YMF721
Description  FM Wavetable Synthesizer LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

YMF721 Datasheet(HTML) 12 Page - LSI Computer Systems

Back Button YMF721 Datasheet HTML 8Page - LSI Computer Systems YMF721 Datasheet HTML 9Page - LSI Computer Systems YMF721 Datasheet HTML 10Page - LSI Computer Systems YMF721 Datasheet HTML 11Page - LSI Computer Systems YMF721 Datasheet HTML 12Page - LSI Computer Systems YMF721 Datasheet HTML 13Page - LSI Computer Systems YMF721 Datasheet HTML 14Page - LSI Computer Systems YMF721 Datasheet HTML 15Page - LSI Computer Systems YMF721 Datasheet HTML 16Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
YMF721
July 10, 1997
- 12 -
5-1-2. No ISA BUS Connect System
When YMF721 (OPL4-ML2) is not connected with ISA bus, power down operation can be controlled
by sending Yamaha's original System Exclusive Message as the MIDI data. The System Exclusive
Message includes the following three byte ID.
43h, 79h, 04h : Yamaha YMF721(OPL4-ML2) ID
The System Exclusive Message is as follows.
F0h, <Yamaha YMF721(OPL4-ML2) ID>, <Command>, <Data>, F7h
YMF721 (OPL4-ML2) supports the following commands and data.
Command
Data
Function
0Eh
6Dh
Power Down Command
0Fh
6Bh
Internal Micro-processor Reset Command
<Power Down out>
<Power Down in>
Command write “FDh”
Control write PDY=1, PDX=0
(wait time ~100 msec)
Control write PDY=0, PDX=0
all clock (X’tal)disable
Synthesizer clock disable
Synthesizer clock enable
~30msec
~3msec
Status read GBUSY=0
Normal Operation
Power down sequence when connected with ISA bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com